Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7SZ125 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NC7SZ125
Description  TinyLogic UHS Buffer with Three-State Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NC7SZ125 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1996 Semiconductor Components Industries, LLC.
Publication Order Number:
October-2017, Rev . 2
NC7SZ125/D
NC7SZ125
TinyLogic
® UHS Buffer with Three-State Output
Features
Ultra-High Speed: t
PD 2.6 ns (Typical) into 50 pF
at 5 V VCC
High Output Drive: ±24 mA at 3 V V
CC
Broad V
CC Operating Range: 1.65 V to 5.5 V
Matches Performance of LCX Operated at
3.3 V VCC
Pow er Dow n High-Impedance Inputs/Outputs
Over-Voltage Tolerance Inputs Facilitate 5 V to 3 V
Translation
Proprietary Noise/EMI Reduction Circuitry
Ultra-Small MicroPak™ Packages
Space-Saving SOT23 and SC70 Packages
Description
The NC7SZ125 is a single buffer w ith three-state output
from ON Semiconductor's Ultra-High Speed (UHS) of
TinyLogic
®. The device is fabricated w ith advanced CMOS
technology to achieve ultra high speed w ith high output
drive w hile maintaining low static pow er dissipation over
a very broad VCC operating range. The device is specified
to operate over the 1.65 V to 5.5 V range. The inputs and
output are high impedance above ground w hen V CC is
0 V. Inputs tolerate voltages up to 6 V independent of VCC
operating voltage. The output tolerates voltages above
VCC w hen in the 3-STATE condition.
Ordering Information
Part Number
Top Mark
Package
Packing Method
NC7SZ125M5X
7Z25
5-Lead SOT23, JEDEC MO-178 1.6 mm
3000 Units on
Tape & Reel
NC7SZ125P5X
Z25
5-Lead SC70, EIAJ SC-88a, 1.25 mm Wide
3000 Units on
Tape & Reel
NC7SZ125L6X
DD
6-Lead MicroPak
™, 1.00 mm Wide
5000 Units on
Tape & Reel
NC7SZ125FHX
DD
6-Lead, MicroPak2, 1x1 mm Body, .35mm Pitch
5000 Units on
Tape & Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn