Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7SZ125 Datasheet(PDF) 8 Page - ON Semiconductor

Part No. NC7SZ125
Description  TinyLogic UHS Buffer with Three-State Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NC7SZ125 Datasheet(HTML) 8 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.onsemi.com
8
Physical Dimensions
5
1
4
3
2
LAND PATTERN RECOMMENDATION
B
A
L
C
0.10 C
0.20
C A B
0.60 REF
0.55
0.35
SEATING PLANE
0.25
GAGE PLANE
NOTES: UNLESS OTHEWISE SPECIFIED
A) THIS PACKAGE CONFORMS TO JEDEC
MO-178, ISSUE B, VARIATION AA,
B) ALL DIMENSIONS ARE IN MILLIMETERS.
1.45 MAX
1.30
0.90
0.15
0.05
1.90
0.95
0.50
0.30
3.00
2.60
1.70
1.50
3.00
2.80
SYMM
C
0.95
0.95
2.60
0.70
1.00
SEE DETAIL A
0.22
0.08
C) MA05Brev5
TOP VIEW
(0.30)
Figure 7. 5-Lead SOT23, JEDEC MO-178 1.6 mm
Package drawings are provided as a service to customers considering ON Semiconductor components. Drawings may change
in any manner without notice. Please note the revision and/or date on the drawing and contact a ON Semiconductor
representative to verify or obtain the most recent revision. Package specifications do not expand the terms of ON
Semiconductor
’s worldwide terms and conditions, specifically the warranty therein, which covers ON Semiconductor
products.
Tape and Reel Specifications
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Type
Status
M5X
Leader (Start End)
125 (Typical)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (Typical)
Empty
Sealed


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn