Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7SZ125 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NC7SZ125
Description  TinyLogic UHS Buffer with Three-State Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NC7SZ125 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.onsemi.com
6
AC Electrical Characteristics
Sym bol
Param eter
VCC
Conditions
TA=+25°C
TA=-40 to +85°C
Units
Figure
Min.
Typ. Max.
Min.
Max.
tPLH,tPHL
Propagation Delay
1.65
CL=15 pF,
RD=1 M 
S1=OPEN
2.0
6.4
13.2
2.0
13.8
ns
Figure 4
Figure 6
1.80
2.0
5.3
11.0
2.0
11.5
2.50 ±0.20
0.8
3.4
7.5
0.8
8.0
3.30 ±0.30
0.5
2.5
5.2
0.5
5.5
5.00 ±0.50
0.5
2.1
4.5
0.5
4.8
3.30 ±0.30 CL=50 pF,
RD=500  
S1=OPEN
1.5
3.2
5.7
1.5
6.0
5.00 ±0.50
0.8
2.6
5.0
0.8
5.3
tPZL,tPZH
Output Enable Time
1.65
CL=50 pF,
RD=500  
RU=500
 
S1=GND for tPZH
S1=VIN for tPZL
VIN=2•VCC
2.0
8.4
15.0
2.0
15.6
ns
Figure 4
Figure 6
1.80
2.0
7.0
12.5
2.0
13.0
2.50 ±0.20
1.5
4.6
8.5
1.5
9.0
3.30 ±0.30
1.5
3.5
6.2
1.5
6.5
5.00 ±0.50
0.8
2.8
5.5
0.8
5.8
tPLZ,tPHZ
Output Disable Time
1.65
CL=50 pF,
RD=500  
RU=500
 
S1=GND for tPHZ
S1=VIN for tPLZ
VIN=2•VCC
2.0
6.5
13.2
2.0
14.5
1.80
2.0
5.4
11.0
2.0
12.0
2.50 ±0.20
1.5
3.5
8.0
1.5
8.5
3.30 ±0.30
1.0
2.8
5.7
1.0
6.0
5.00 ±0.50
0.5
2.1
4.7
0.5
5.0
CIN
Input Capacitance
0.00
4
pF
COUT
Output Capacitance
0.00
8
CPD
Power Dissipation
Capacitance
(2)
3.30
17
pF
Figure 5
5.00
24
Note:
2.
CPD is defined as the value of the internal equivalent capacitance w hich is derived from dynamic operating current
consumption (ICCD) at no output lading and operating at 50% duty cycle. CPD is related to ICCD dynamic operating
current by the expression: ICCD=(CPD)(VCC)(fIN)+(ICCstatic).
Note:
3.
CL includes load and stray capacitance.
Input PRR=1.0 MHz, tW=500 ns.
Figure 4. AC Test Circuit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn