Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V1652D Datasheet(PDF) 10 Page - OKI electronic componets

Part No. MR27V1652D
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V1652D Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MR27V1652D Datasheet HTML 2Page - OKI electronic componets MR27V1652D Datasheet HTML 3Page - OKI electronic componets MR27V1652D Datasheet HTML 4Page - OKI electronic componets MR27V1652D Datasheet HTML 5Page - OKI electronic componets MR27V1652D Datasheet HTML 6Page - OKI electronic componets MR27V1652D Datasheet HTML 7Page - OKI electronic componets MR27V1652D Datasheet HTML 8Page - OKI electronic componets MR27V1652D Datasheet HTML 9Page - OKI electronic componets MR27V1652D Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Bad insertion
Increment Address
YES
Program 10
µs
10/10
Programming / Verify Flow Chart
MR27V1652D
VCC=4.0V
VPP=9.75V
X=0
YES
PASS
NO
NG
NO
NG
PASS
X=2?
X=X+1
YES
NO
VCC=3.0V
VPP=3.0V
Programming
Pin Check
NO
OK
VCC=3.6V
VPP=3.6V
NG
PASS
VCC=3.0V
VPP=3.0V
NG
PASS
Verify
NO
OK
Start
Start
Pin Check
Last Address ?
Increment Address
Address = First location
Program 10
µs
Verify (One Byte)
Last Address ?
Verify (One Byte)
Device Passed
Device Failed
Device Passed
Device Failed
Verify (One Byte)
Verify (One Byte)
Bad insertion
Address = First location
Address = First location


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSM27C1652CZ 1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27C3252CZ 2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V3252D 2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V3255D 1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27C3255CZ 1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V1652E 1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V852D 524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27C852CZ 524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27V3255CZ 1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V1602D 1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit One Time PROM 1  2  3  4  5  More OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn