Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V1652D Datasheet(PDF) 7 Page - OKI electronic componets

Part No. MR27V1652D
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V1652D Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MR27V1652D Datasheet HTML 2Page - OKI electronic componets MR27V1652D Datasheet HTML 3Page - OKI electronic componets MR27V1652D Datasheet HTML 4Page - OKI electronic componets MR27V1652D Datasheet HTML 5Page - OKI electronic componets MR27V1652D Datasheet HTML 6Page - OKI electronic componets MR27V1652D Datasheet HTML 7Page - OKI electronic componets MR27V1652D Datasheet HTML 8Page - OKI electronic componets MR27V1652D Datasheet HTML 9Page - OKI electronic componets MR27V1652D Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FF00
00FF
7/10
ELECTRICAL CHARACTERISTICS (Programming operation)
DC Characteristics
Input leakage current
VPP power supply current (Program)
VCC power supply current
Parameter
Symbol
ILI
Unit
10
Typ.
-
Condition
(Ta=25
°C±5°C)
Min.
Max.
Input "L" level
IPP2
ICC
VIH
VIL
µA
-
VI=VCC+0.5V
50
-
mA
-
CE=VIL
80
-
mA
-
-
VCC+0.5
3.0
V
-
0.8
-0.5
V
-
-
9.75
-
Voltage is relative to Vss
Input "H" level
VOH
-
2.4
V
IOH=-400µA
-
Output "H" level
VOL
0.45
-
V
IOL=2.1mA
-
Output "L" level
VPP
10.0
9.5
V
-
Program voltage
VCC power supply voltage
VCC
4.1
3.9
V
4.0
-
AC Characteristics
Address set-up time
OE set-up time
Data set-up time
Parameter
Symbol
TAS
Unit
-
Typ.
100
Condition
Min.
Max.
Data hold time
TOES
TDS
TAH
TDH
ns
-
-
2
µs
-
-
100
ns
-
-
-
2
µs
-
-
100
ns
-
-
-
Address hold time
TOHZ
100
0
ns
-
Output float delay from OE
TVS
-
2
µs
-
VPP voltage set-up time
Program pulse width
TPW
11
9
µs
10
-
Data valid from OE
TOE
100
-
ns
-
-
-
-
-
-
(Vcc=4.0V±0.1V,Vpp=9.75V±0.25V,Ta=25°C±5°C)
MR27V1652D
Pin Check Function
Pin Check Function is to check contact between each device-pin and each socket-lead with EPROM
programmer.
Setting up address as the following condition call the preprogrammed codes on device outputs.
A0
(Vcc=3.3V±0.3V,CE=OE=VIL,BYTE/Vpp=VIH,Ta=25°C±5°C)
A1
A2
A3
A4
A5
A6
A7
A8
A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19
0
1
0
1
0
1
0
1
0
VH*
0
1
0
1
0
1
0
0
1
1
1
0
10
1
01
0
1
VH*
1
0
10
1
01
1
00
DATA
* :VH=8V
±0.25V
ns
Address hold from OE high
TAHO
-
0
-
-
FFFF
Other conditions


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MSM27C1652CZ 1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27C3252CZ 2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V3252D 2 097 152-Word x 16-Bit or 4 194 304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V3255D 1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27C3255CZ 1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V1652E 1 048 576 - Word x 16-Bit or 2 097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V852D 524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27C852CZ 524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MSM27V3255CZ 1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1  2  3  4  5  More OKI electronic componets
MR27V1602D 1 048 576-Word x 16-Bit or 2 097 152-Word x 8-Bit One Time PROM 1  2  3  4  5  More OKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn