Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7SU04 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NC7SU04
Description  TinyLogic HS Unbuffered Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NC7SU04 Datasheet(HTML) 2 Page - ON Semiconductor

  NC7SU04 Datasheet HTML 1Page - ON Semiconductor NC7SU04 Datasheet HTML 2Page - ON Semiconductor NC7SU04 Datasheet HTML 3Page - ON Semiconductor NC7SU04 Datasheet HTML 4Page - ON Semiconductor NC7SU04 Datasheet HTML 5Page - ON Semiconductor NC7SU04 Datasheet HTML 6Page - ON Semiconductor NC7SU04 Datasheet HTML 7Page - ON Semiconductor NC7SU04 Datasheet HTML 8Page - ON Semiconductor NC7SU04 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2004 Fairchild Semiconductor Corporation
DS012142
www.fairchildsemi.com
October 1995
Revised August 2004
NC7SU04
TinyLogic
® HS Unbuffered Inverter
General Description
The NC7SU04 is a single special purpose CMOS Inverter.
The inverter circuit is designed with a single unbuffered
stage to facilitate use in crystal oscillator applications. It is
not intended for use in logic inversion applications.
Advanced Silicon Gate CMOS fabrication assures high
speed and low power circuit operation over a broad VCC
range. ESD protection diodes inherently guard both input
and output with respect to the VCC and GND rails.
Features
■ Space saving SOT23 or SC70 5-lead package
■ Ultra small MicroPak
™ leadless package
■ Unbuffered for crystal oscillator applications
■ Low Quiescent Power; ICC < 1 µA
■ Balanced Output Drive; 2 mA IOL, −2 mA IOH
■ Broad VCC Operating Range; 2V–6V
■ Balanced Propagation Delays
■ Specified for 3V operation
Ordering Code:
Logic Symbol
IEEE/IEC
Pin Descriptions
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
Connection Diagrams
Pin Assignments for SOT23 and SC70
(Top View)
Pad Assignments for MicroPak
(Top Thru View)
TinyLogic
® is a registered trademark of Fairchild Semiconductor Corporation.
MicroPak
™ are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package
Product Code
Package Description
Supplied As
Number
Top Mark
NC7SU04M5X
MA05B
7SU4
5-Lead SOT23, JEDEC MO-178, 1.6mm
3k Units on Tape and Reel
NC7SU04P5X
MAA05A
SU4
5-Lead SC70, EIAJ SC-88a, 1.25mm Wide
3k Units on Tape and Reel
NC7SU04L6X
MAC06A
E5
6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
Pin Names
Description
A
Input
Y
Output
NC
No Connect
Y
= A
Input
Output
AY
LH
HL


Similar Part No. - NC7SU04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SU04 FAIRCHILD-NC7SU04 Datasheet
78Kb / 7P
   TinyLogic HS Unbuffered Inverter
NC7SU04 FAIRCHILD-NC7SU04 Datasheet
153Kb / 8P
   TinyLogic HS Unbuffered Inverter
logo
ON Semiconductor
NC7SU04 ONSEMI-NC7SU04 Datasheet
298Kb / 8P
   TinyLogic HS Unbuffered Inverter
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7SU04L6X FAIRCHILD-NC7SU04L6X Datasheet
153Kb / 8P
   TinyLogic HS Unbuffered Inverter
logo
ON Semiconductor
NC7SU04L6X ONSEMI-NC7SU04L6X Datasheet
298Kb / 8P
   TinyLogic HS Unbuffered Inverter
April, 2022 ??Rev. 3
More results

Similar Description - NC7SU04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SU04 FAIRCHILD-NC7SU04_04 Datasheet
153Kb / 8P
   TinyLogic HS Unbuffered Inverter
NC7SU04 FAIRCHILD-NC7SU04 Datasheet
78Kb / 7P
   TinyLogic HS Unbuffered Inverter
logo
ON Semiconductor
NC7SU04 ONSEMI-NC7SU04_V01 Datasheet
298Kb / 8P
   TinyLogic HS Unbuffered Inverter
April, 2022 ??Rev. 3
logo
Fairchild Semiconductor
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04 Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7SPU04 FAIRCHILD-NC7SPU04 Datasheet
306Kb / 9P
   TinyLogic ULP Unbuffered Inverter
NC7NZU04 FAIRCHILD-NC7NZU04 Datasheet
202Kb / 8P
   TinyLogic UHS Unbuffered Inverter
NC7SPU04 FAIRCHILD-NC7SPU04_04 Datasheet
295Kb / 9P
   TinyLogic ULP Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com