Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD0521Z Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ESD0521Z
Description  ESD Protection Diodes in SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ESD0521Z Datasheet(HTML) 1 Page - Diotec Semiconductor

  ESD0521Z Datasheet HTML 1Page - Diotec Semiconductor ESD0521Z Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESD0521Z
ESD0521Z
ESD Protection Diodes in SMD
ESD-Schutzdioden in SMD
PPPM = 28 W
Tjmax = 150°C
VWM = 5.0 V
VBR = 6.0 V
Version 2018-07-23
0201
(0603 metric)
Dimensions - Maße [mm]
Typical Applications
ESD protection
Data line and I/O port
protection
Commercial grade 1)
Typische Anwendungen
ESD-Schutz
Schutz von Datenleitungen
und Ein-/Ausgängen
Standardausführung 1)
Features
Bidirectional clamping
Low junction capacitance
Low leakage current
Miniature case outline
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Bidirektionales Begrenzen
Niedrige Sperrschicht-Kapazität
Niedriger Sperrstrom
Miniatur-Gehäusebauform
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Taped and reeled
10000 / 7“
Gegurtet auf Rolle
Weight approx.
0.0001 g
Gewicht ca.
Case material
UL 94V-0
Gehäusematerial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = 1
Configuration – Ausführung
Type Code
Bidirectional – Bidirektional
1C
Maximum ratings 2)
Grenzwerte 2)
Peak pulse power dissipation (8/20 µs waveform)
Impuls-Verlustleistung (Strom-Impuls 8/20 µs)
TA = 25°C
PPPM
28 W 3)
Peak pulse power current (8/20 µs waveform)
Impuls-Strom (8/20 µs Impuls)
TA = 25°C
IPPM
2.5 A 3)
ESD immunity (air discharge) – ESD-Festigkeit (Luftentladung)
IEC 61000-4-2
VPP
± 25 kV
ESD immunity (contact discharge) – ESD-Festigkeit (Kontaktentladung)
IEC 61000-4-2
VPP
± 17 kV
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
3
Non-repetitive pulse see curve I
PP = f (t) / PPP = f (t)
Höchstzulässiger Spitzenwert eines einmaligen Impulses, siehe Kurve I
PP = f (t) / PPP = f (t)
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.31±0.4
Type
Code
0.6±0.3
0.3±0.3
0.25±0.4
0.18±0.4
0.35
Pb
RoHS
Halogen
FREE


Similar Part No. - ESD0521Z

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD0521 LEIDITECH-ESD0521 Datasheet
1Mb / 7P
   LOW CAPACITANCE TVS DIODE ARRAY
ESD0521C LEIDITECH-ESD0521C Datasheet
474Kb / 3P
   USB 2.0 power and data line
ESD0521CH LEIDITECH-ESD0521CH Datasheet
409Kb / 4P
   1-Line Ultra Small Bi-directional TVS Diode
logo
Shanghai Semitech Semic...
ESD0521P SEMITECH-ESD0521P Datasheet
161Kb / 5P
   Protects one data, control or power line
More results

Similar Description - ESD0521Z

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ESD3Z5V0 DIOTEC-ESD3Z5V0 Datasheet
153Kb / 2P
   ESD Protection Diodes in SMD
NUP2105L DIOTEC-NUP2105L Datasheet
191Kb / 2P
   ESD Protection Diodes in SMD
ESD3V3CA DIOTEC-ESD3V3CA_1 Datasheet
182Kb / 2P
   ESD Protection Diodes in SMD
ESDB3V3C DIOTEC-ESDB3V3C Datasheet
192Kb / 2P
   ESD Protection Diodes in SMD
ESD0541Z DIOTEC-ESD0541Z Datasheet
154Kb / 2P
   ESD Protection Diodes in SMD
ESD3V3CA DIOTEC-ESD3V3CA Datasheet
186Kb / 2P
   ESD Protection Diodes in SMD
ESD3B5V0WS DIOTEC-ESD3B5V0WS_18 Datasheet
148Kb / 2P
   ESD Protection Diodes in SMD
ESD3V3CA DIOTEC-ESD3V3CA_18 Datasheet
186Kb / 2P
   ESD Protection Diodes in SMD
ESD5Z3V3 DIOTEC-ESD5Z3V3 Datasheet
162Kb / 2P
   ESD Protection Diodes in SMD
ESDBL24DP DIOTEC-ESDBL24DP Datasheet
140Kb / 2P
   ESD Protection Diodes in SMD
ESD3B12WS DIOTEC-ESD3B12WS Datasheet
148Kb / 2P
   ESD Protection Diodes in SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com