Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD3B12WS Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ESD3B12WS
Description  ESD Protection Diodes in SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ESD3B12WS Datasheet(HTML) 2 Page - Diotec Semiconductor

  ESD3B12WS Datasheet HTML 1Page - Diotec Semiconductor ESD3B12WS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ESD3B12WS ... ESD3B24WS
Type
Typ
Junction capacitance
Sperrschichtkapazität
VR = 0 V, f = 1 MHz
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage
Abbruch-Spannung
at / bei IT = 5 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (8/20 µs)
Cj [pF]
VWM [V]
ID [µA]
VBR [V]
VC [V]
IPPM [A]
ESD3B12WS
typ. 19
12
0.05
14.2 ... 16.7
20
37
1
5
ESD3B15WS
typ. 16
15
0.05
17.1 ... 20.3
25
44
1
5
ESD3B24WS/-Q
typ. 11
24
0.05
25.4 ... 30.3
40
70
1
3
1
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
P
PP
[°C]
T
A
150
100
50
0
I
PP
Peak pulse power/current vs. ambient temperature )
Impuls-Spitzenleistung/Strom vs. Umgebungstemp. )
1
1
10
1
0.1
0.01
[kW]
P
PP
0.1µs
t
1µs
10µs
100µs
1ms
10ms
P
Non repetitive peak pulse power versus pulse width (10/1000 wave form)
Einzel-Impuls-Spitzenleistung in Abh. von der Pulsdauer (10/1000-Impuls)
8/20µs - pulse waveform
8/20µs - Impulsform
I
PP
P
PP
100
80
60
40
20
0
0
t
20
40
60 [µs]
[%]
t
P
I /2
PPM
P /2
PPM
t = 8 µs
r


Similar Part No. - ESD3B12WS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ESD3B12WS DIOTEC-ESD3B12WS Datasheet
148Kb / 2P
   ESD Protection Diodes in SMD
ESD3B12WS DIOTEC-ESD3B12WS Datasheet
404Kb / 3P
   ESD Protection Diodes in SMD ESD-Schutzdioden in SMD
2023-01-17
More results

Similar Description - ESD3B12WS

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ESD3Z5V0 DIOTEC-ESD3Z5V0 Datasheet
153Kb / 2P
   ESD Protection Diodes in SMD
NUP2105L DIOTEC-NUP2105L Datasheet
191Kb / 2P
   ESD Protection Diodes in SMD
ESD3V3CA DIOTEC-ESD3V3CA_1 Datasheet
182Kb / 2P
   ESD Protection Diodes in SMD
ESDB3V3C DIOTEC-ESDB3V3C Datasheet
192Kb / 2P
   ESD Protection Diodes in SMD
ESD0541Z DIOTEC-ESD0541Z Datasheet
154Kb / 2P
   ESD Protection Diodes in SMD
ESD3V3CA DIOTEC-ESD3V3CA Datasheet
186Kb / 2P
   ESD Protection Diodes in SMD
ESD3B5V0WS DIOTEC-ESD3B5V0WS_18 Datasheet
148Kb / 2P
   ESD Protection Diodes in SMD
ESD3V3CA DIOTEC-ESD3V3CA_18 Datasheet
186Kb / 2P
   ESD Protection Diodes in SMD
ESD5Z3V3 DIOTEC-ESD5Z3V3 Datasheet
162Kb / 2P
   ESD Protection Diodes in SMD
ESDBL24DP DIOTEC-ESDBL24DP Datasheet
140Kb / 2P
   ESD Protection Diodes in SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com