Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V1602D Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MR27V1602D
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V1602D Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MR27V1602D Datasheet HTML 3Page - OKI electronic componets MR27V1602D Datasheet HTML 4Page - OKI electronic componets MR27V1602D Datasheet HTML 5Page - OKI electronic componets MR27V1602D Datasheet HTML 6Page - OKI electronic componets MR27V1602D Datasheet HTML 7Page - OKI electronic componets MR27V1602D Datasheet HTML 8Page - OKI electronic componets MR27V1602D Datasheet HTML 9Page - OKI electronic componets MR27V1602D Datasheet HTML 10Page - OKI electronic componets MR27V1602D Datasheet HTML 11Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
ELECTRICAL CHARACTERISTICS (Programming operation)
DC Characteristics
Input leakage current
VPP power supply current (Program)
VCC power supply current
Parameter
Symbol
ILI
Unit
10
Typ.
-
Condition
(Ta=25
°C±5°C)
Min.
Max.
Input "L" level
IPP2
ICC
VIH
VIL
µA
-
VI=VCC+0.5V
50
-
mA
-
CE=VIL
50
-
mA
-
-
VCC+0.5
3.0
V
-
0.8
-0.5
V
-
-
9.75
-
Voltage is relative to Vss
Input "H" level
VOH
-
2.4
V
IOH=-400µA
-
Output "H" level
VOL
0.45
-
V
IOL=2.1mA
-
Output "L" level
VPP
10.0
9.5
V
-
Program voltage
VCC power supply voltage
VCC
4.1
3.9
V
4.0
-
MR27V1602D
Pin Check Function
Pin Check Function is to check contact between each device-pin and each socket-lead with EPROM
programmer.
Setting up address as the following condition call the preprogrammed codes on device outputs.
A0
(Vcc=3.3V±0.3V,CE=OE=VIL,BYTE/Vpp=VIH,Ta=25°C±5°C)
A1
A2
A3
A4
A5
A6
A7
A8
A9 A10 A11 A12 A13 A14 A15 A16 A17 A18 A19
0
1
0
1
0
1
0
1
0
VH*
0
10
1
01
0
01
1
10
1
01
0
10
1
VH*
1
0
10
1
01
1
0
0
DATA
FF00
00FF
* :VH=8V
±0.25V
AC Characteristics
Address set-up time
OE set-up time
Data set-up time
Parameter
Symbol
TAS
Unit
-
Typ.
100
Condition
Min.
Max.
Data hold time
TOES
TDS
TAH
TDH
ns
-
-
2
µs
-
-
100
ns
-
-
-
2
µs
-
-
100
ns
-
-
-
Address hold time
TOHZ
100
0
ns
-
Output float delay from OE
TVS
-
2
µs
-
VPP voltage set-up time
Program pulse width
TPW
11
9
µs
10
-
Data valid from OE
TOE
100
-
ns
-
-
-
-
-
-
(Vcc=4.0V±0.1V,Vpp=9.75V±0.25V,Ta=25°C±5°C)
ns
Address hold from OE high
TAHO
-
0
-
-
FFFF
Other conditions


Similar Part No. - MR27V1602D

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MR27V1602E OKI-MR27V1602E Datasheet
154Kb / 11P
   1,048,576.Word 횞 16.Bit or 2,097,152.Word 횞 8.Bit One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602FMA OKI-MR27V1602FMA Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602FTN OKI-MR27V1602FTN Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
More results

Similar Description - MR27V1602D

ManufacturerPart No.DatasheetDescription
OKI electronic componets
OKI electronic componet...
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602E OKI-MR27V1602E Datasheet
154Kb / 11P
   1,048,576.Word 횞 16.Bit or 2,097,152.Word 횞 8.Bit One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V3202E OKI-MR27V3202E Datasheet
90Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V3202F OKI-MR27V3202F Datasheet
152Kb / 15P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8 Bit One Time PROM
MSM27C3202CZ OKI-MSM27C3202CZ Datasheet
87Kb / 12P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR27V3202D OKI-MR27V3202D Datasheet
57Kb / 11P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit One Time PROM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz