Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V1602D Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MR27V1602D
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MR27V1602D Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MR27V1602D Datasheet HTML 2Page - OKI electronic componets MR27V1602D Datasheet HTML 3Page - OKI electronic componets MR27V1602D Datasheet HTML 4Page - OKI electronic componets MR27V1602D Datasheet HTML 5Page - OKI electronic componets MR27V1602D Datasheet HTML 6Page - OKI electronic componets MR27V1602D Datasheet HTML 7Page - OKI electronic componets MR27V1602D Datasheet HTML 8Page - OKI electronic componets MR27V1602D Datasheet HTML 9Page - OKI electronic componets MR27V1602D Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Output
MR27V1602D
6/11
800ohms
100pF
2.08V
AC Characteristics 1
Address access time
CE access time
OE access time
Output disable time
Parameter
Symbol
TACC
Unit
-
Condition
(VCC=3V±0.3V, Ta=0 to 70°C)
Min.
Max.
TCE
ns
CE=OE=VIL
-
ns
OE=VIL
50
-
ns
CE=VIL
30
0
ns
OE=VIL
25
0
ns
-
0
ns
TOE
TOH
CE=VIL
CE=OE=VIL
Output hold time
0V/3V
0.8V/2.0V
100pF
0.8V/2.0V
Measurement conditions
Input signal level
Input timing reference level
Output load
Output timing reference level
100
100
TCHZ
TOHZ
Address cycle time
TC
100
ns
-
-
AC Characteristics 2
Address access time
CE access time
OE access time
Output disable time
Parameter
Symbol
TACC
Unit
-
Condition
(VCC=3.3V±0.3V, Ta=0 to 70°C)
Min.
Max.
TCE
ns
CE=OE=VIL
-
ns
OE=VIL
40
-
ns
CE=VIL
30
0
ns
OE=VIL
25
0
ns
-
0
ns
TOE
TOH
CE=VIL
CE=OE=VIL
Output hold time
80
80
TCHZ
TOHZ
Address cycle time
TC
80
ns
-
-
0V/3V
0.8V/2.0V
100pF
0.8V/2.0V
Measurement conditions
Input signal level
Input timing reference level
Output load
Output timing reference level


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn