Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MR27V1602D Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MR27V1602D
Description  1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MR27V1602D Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CE=VIL,OE=VIH
5/11
ELECTRICAL CHARACTERISTICS (Read operation)
DC Characteristics 1
(VCC=3.3V±0.3V, Ta=0 to 70°C)
DC Characteristics 2
Input leakage current
Output leakage current
VCC power supply current
(Standby)
VCC power supply current (Read)
VPP power supply current
Parameter
Symbol
Unit
Condition
(VCC=3V±0.3V, Ta=0 to 70°C)
Input "H" level
Input "L" level
Output "H" level
Output "L" level
Voltage is relative to Vss
Input leakage current
Output leakage current
VCC power supply current
(Standby)
VCC power supply current (Read)
VPP power supply current
Parameter
Symbol
Unit
Condition
Input "H" level
Input "L" level
Output "H" level
Output "L" level
Voltage is relative to Vss
ILI
10
Typ.
-
Min.
Max.
ILO
ICCSC
ICCST
ICCA
µA
-
10
-
µA
-
50
-
µA
-
CE=VCC
1
-
CE=VIH
35
-
mA
tc=100ns
-
-
IPP
VIH
VIL
VOH
VOL
10
-
µA
VPP=VCC
VCC+0.5*
2.2
V
-
0.6
-0.5**
V
-
-
2.4
V
IOH=-400uA
0.4
-
V
IOL=2.1mA
-
-
-
-
-
CE=VIL,OE=VIH
ILI
10
Typ.
-
Min.
Max.
ILO
ICCSC
ICCST
ICCA
µA
-
10
-
µA
-
50
-
µA
-
CE=VCC
1
-
CE=VIH
40
-
mA
tc=80ns
-
-
IPP
VIH
VIL
VOH
VOL
10
-
µA
VPP=VCC
VCC+0.5*
2.2
V
-
0.6
-0.5**
V
-
-
V
IOH=-400uA
-
V
IOL=2.1mA
-
-
-
-
-
2.4
0.4
VI=0 to Vcc
VO=0 to Vcc
VI=0 to Vcc
VO=0 to Vcc
MR27V1602D
mA
mA
* : Vcc+1.5V (Max.) when pulse width of overshoot is less than 10nS.
** : -1.5V (Min.) when pulse width of undershoot is less than 10nS.
* : Vcc+1.5V (Max.) when pulse width of overshoot is less than 10nS.
** : -1.5V (Min.) when pulse width of undershoot is less than 10nS.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn