Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1197 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1197
Description  Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1197 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1197 Datasheet HTML 11Page - Maxim Integrated Products MAX1197 Datasheet HTML 12Page - Maxim Integrated Products MAX1197 Datasheet HTML 13Page - Maxim Integrated Products MAX1197 Datasheet HTML 14Page - Maxim Integrated Products MAX1197 Datasheet HTML 15Page - Maxim Integrated Products MAX1197 Datasheet HTML 16Page - Maxim Integrated Products MAX1197 Datasheet HTML 17Page - Maxim Integrated Products MAX1197 Datasheet HTML 18Page - Maxim Integrated Products MAX1197 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Parallel Outputs
______________________________________________________________________________________
15
INPUT
300
-5V
+5V
0.1
µF
0.1
µF
0.1
µF
-5V
600
300
300
INA-
INA+
LOWPASS FILTER
COM
600
+5V
-5V
0.1
µF
600
300
600
300
0.1
µF
0.1
µF
0.1
µF
+5V
0.1
µF
300
MAX4108
MAX1195
INB-
INB+
MAX4108
MAX4108
LOWPASS FILTER
INPUT
300
-5V
+5V
0.1
µF
0.1
µF
0.1
µF
CIN
22pF
-5V
600
300
300
LOWPASS FILTER
600
+5V
-5V
0.1
µF
600
300
600
300
0.1
µF
0.1
µF
0.1
µF
+5V
0.1
µF
300
MAX4108
MAX4108
MAX4108
300
LOWPASS FILTER
RIS0
50
CIN
22pF
RIS0
50
CIN
22pF
RIS0
50
CIN
22pF
RIS0
50
Figure 5. Typical Application for Single-Ended-to-Differential Conversion


Similar Part No. - MAX1197

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1197 MAXIM-MAX1197 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1197ECM MAXIM-MAX1197ECM Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
More results

Similar Description - MAX1197

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com