![]() |
Electronic Components Datasheet Search |
|
MAX1195 Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX1195 Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 22 page ![]() Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs 6 _______________________________________________________________________________________ Note 1: Guaranteed by design. Not subject to production testing. Note 2: Intermodulation distortion is the total power of the intermodulation products relative to the total input power. Note 3: Analog attenuation is defined as the amount of attenuation of the fundamental bin from a converted FFT between two applied input signals with the same magnitude (peak-to-peak) at fIN1 and fIN2. Note 4: REFIN and REFOUT should be bypassed to GND with a 0.1µF (min) and 2.2µF (typ) capacitor. Note 5: REFP, REFN, and COM should be bypassed to GND with a 0.1µF (min) and 2.2µF (typ) capacitor. Note 6: Typical analog output current at fINA&B = 20MHz. For digital output currents vs. analog input frequency, see Typical Operating Characteristics. Note 7: See Figure 3 for detailed system timing diagrams. Clock to data valid timing is measured from 50% of the clock level to 50% of the data output level. Note 8: Crosstalk rejection is tested by applying a test tone to one channel and holding the other channel at DC level. Crosstalk is measured by calculating the power ratio of the fundamental of each channel’s FFT. Note 9: Amplitude matching is measured by applying the same signal to each channel and comparing the magnitude of the funda- mental of the calculated FFT. Note 10: Phase matching is measured by applying the same signal to each channel and comparing the phase of the fundamental of the calculated FFT. The data from both ADC channels must be captured simultaneously during this test. Note 11: SINAD settles to within 0.5dB of its typical value in unbuffered external reference mode. PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS TIMING CHARACTERISTICS CLK Rise to Output Data Valid Time tDO CL = 20pF (Notes 1, 7) 6 9 ns OE Fall to Output Enable Time tENABLE 5ns OE Rise to Output Disable Time tDISABLE 5ns CLK Pulse Width High tCH Clock period: 25ns (Note 7) 12.5 ±1.5 ns CLK Pulse Width Low tCL Clock period: 25ns (Note 7) 12.5 ±1.5 ns Wake up from sleep mode 1 Wake-Up Time tWAKE Wake up from shutdown mode (Note 11) 20 µs CHANNEL-TO-CHANNEL MATCHING Crosstalk fINA or B = 20MHz at -1dB FS (Note 8) -72 dB Gain Matching fINA or B = 20MHz at -1dB FS (Note 9) 0.05 dB Phase Matching fINA or B = 20MHz at -1dB FS (Note 10) ±0.05 Degrees ELECTRICAL CHARACTERISTICS (continued) (VDD = OVDD = 3V, 0.1µF and 2.2µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a 10k Ω resistor, VIN = 2VP-P (differential with respect to COM), CL = 10pF at digital outputs, fCLK = 40MHz, TA = TMIN to TMAX, unless otherwise noted. ≥+25°C guaranteed by production test, <+25°C guaranteed by design and characerization. Typical values are at TA = +25°C.) |