Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1195 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1195
Description  Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX1195 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1195 Datasheet HTML 1Page - Maxim Integrated Products MAX1195 Datasheet HTML 2Page - Maxim Integrated Products MAX1195 Datasheet HTML 3Page - Maxim Integrated Products MAX1195 Datasheet HTML 4Page - Maxim Integrated Products MAX1195 Datasheet HTML 5Page - Maxim Integrated Products MAX1195 Datasheet HTML 6Page - Maxim Integrated Products MAX1195 Datasheet HTML 7Page - Maxim Integrated Products MAX1195 Datasheet HTML 8Page - Maxim Integrated Products MAX1195 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Parallel Outputs
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (CLK, PD,
OE, SLEEP, T/B)
CLK
0.8
×
VDD
Input High Threshold
VIH
PD,
OE, SLEEP, T/B
0.8
×
OVDD
V
CLK
0.2
×
VDD
Input Low Threshold
VIL
PD,
OE, SLEEP, T/B
0.2
×
OVDD
V
Input Hysteresis
VHYST
0.15
V
IIH
VIH = VDD = OVDD
±20
Input Leakage
IIL
VIL = 0
±20
µA
Input Capacitance
CIN
5pF
DIGITAL OUTPUTS ( D7A–D0A, D7B–D0B)
Output Voltage Low
VOL
ISINK = -200µA
0.2
V
Output Voltage High
VOH
ISOURCE = 200µA
OVDD
- 0.2
V
Three-State Leakage Current
ILEAK
OE = OVDD
±10
µA
Three-State Output Capacitance
COUT
OE = OVDD
5pF
POWER REQUIREMENTS
Analog Supply Voltage Range
VDD
2.7
3
3.6
V
Output Supply Voltage Range
OVDD
CL = 15pF
1.7
3
3.6
V
Operating, fINA & B = 20MHz at
-1dB FS applied to both channels
29
36
Sleep mode
3
mA
Analog Supply Current
IVDD
Shutdown, clock idle, PD =
OE = OVDD
0.1
20
µA
Operating, fINA & B = 20MHz at
-1dB FS applied to both channels (Note 6)
8mA
Sleep mode
3
Output Supply Current
IOVDD
Shutdown, clock idle, PD =
OE = OVDD
310
µA
Operating, fINA & B = 20MHz at
-1dB FS applied to both channels
87
108
Sleep mode
9
mW
Analog Power Dissipation
PDISS
Shutdown, clock idle, PD =
OE = OVDD
0.3
60
µW
Offset, VDD
±5%
±3
Power-Supply
Rejection
PSRR
Gain, VDD
±5%
±3
mV/V
ELECTRICAL CHARACTERISTICS (continued)
(VDD = OVDD = 3V, 0.1µF and 2.2µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a 10k
resistor, VIN = 2VP-P (differential with respect to COM), CL = 10pF at digital outputs, fCLK = 40MHz, TA = TMIN to TMAX, unless
otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characerization. Typical values are at
TA = +25°C.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn