Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1195 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX1195
Description  Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1195 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1195 Datasheet HTML 1Page - Maxim Integrated Products MAX1195 Datasheet HTML 2Page - Maxim Integrated Products MAX1195 Datasheet HTML 3Page - Maxim Integrated Products MAX1195 Datasheet HTML 4Page - Maxim Integrated Products MAX1195 Datasheet HTML 5Page - Maxim Integrated Products MAX1195 Datasheet HTML 6Page - Maxim Integrated Products MAX1195 Datasheet HTML 7Page - Maxim Integrated Products MAX1195 Datasheet HTML 8Page - Maxim Integrated Products MAX1195 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Parallel Outputs
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Common-Mode Level
VCOM
(Note 5)
VDD / 2
±0.1
V
Differential Reference Output
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
1.024
±3%
V
Reference Temperature
Coefficient
TCREF
±100
ppm/°C
BUFFERED EXTERNAL REFERENCE (VREFIN = 2.048V)
Positive Reference Output
Voltage
VREFP
(Note 5)
2.012
V
Negative Reference Output
Voltage
VREFN
(Note 5)
0.988
V
Common-Mode Level
VCOM
(Note 5)
VDD / 2
±0.1
V
Differential Reference Output
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
1.024
±2%
V
REFIN Resistance
RREFIN
>50
M
Maximum REFP, COM Source
Current
ISOURCE
5mA
Maximum REFP, COM Sink
Current
ISINK
-250
µA
Maximum REFN Source Current
ISOURCE
250
µA
Maximum REFN Sink Current
ISINK
-5mA
UNBUFFERED EXTERNAL REFERENCE (VREFIN = AGND, reference voltage applied to REFP, REFN, and COM)
REFP, REFN Input Resistance
RREFP,
RREFN
Measured between REFP, COM, REFN,
and COM
4k
REFP, REFN, COM Input
Capacitance
CIN
15
pF
Differential Reference Input
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
1.024
±10%
V
COM Input Voltage Range
VCOM
VDD / 2
±5%
V
REFP Input Voltage
VREFP
VCOM +
∆VREF / 2
V
REFN Input Voltage
VREFN
VCOM
∆VREF / 2
V
ELECTRICAL CHARACTERISTICS (continued)
(VDD = OVDD = 3V, 0.1µF and 2.2µF capacitors from REFP, REFN, and COM to GND; REFOUT connected to REFIN through a 10k
resistor, VIN = 2VP-P (differential with respect to COM), CL = 10pF at digital outputs, fCLK = 40MHz, TA = TMIN to TMAX, unless
otherwise noted.
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characerization. Typical values are at
TA = +25°C.)


Similar Part No. - MAX1195

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1195 MAXIM-MAX1195 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
More results

Similar Description - MAX1195

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz