Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1195 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part No. MAX1195
Description  Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1195 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1195 Datasheet HTML 14Page - Maxim Integrated Products MAX1195 Datasheet HTML 15Page - Maxim Integrated Products MAX1195 Datasheet HTML 16Page - Maxim Integrated Products MAX1195 Datasheet HTML 17Page - Maxim Integrated Products MAX1195 Datasheet HTML 18Page - Maxim Integrated Products MAX1195 Datasheet HTML 19Page - Maxim Integrated Products MAX1195 Datasheet HTML 20Page - Maxim Integrated Products MAX1195 Datasheet HTML 21Page - Maxim Integrated Products MAX1195 Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
quadrature outputs, a local oscillator followed by sub-
sequent upconversion can generate the QAM signal.
The result is an in-phase (I) and a quadrature (Q) carri-
er component, where the Q component is 90° phase
shifted with respect to the in-phase component. At the
receiver, the QAM signal is divided down into its I and
Q components, essentially representing the modulation
process reversed. Figure 10 displays the demodulation
process performed in the analog domain, using the
dual matched 3V, 8-bit ADC MAX1195 and the
MAX2451 quadrature demodulator to recover and digi-
tize the I and Q baseband signals. Before being digi-
tized by the MAX1195, the mixed-down signal compo-
nents may be filtered by matched analog filters, such
as Nyquist or pulse-shaping filters which remove
unwanted images from the mixing process, thereby
enhancing the overall signal-to-noise (SNR) perfor-
mance and minimizing intersymbol interference.
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Parallel Outputs
18
______________________________________________________________________________________
1/4 MAX4252
MAX6066
1/4 MAX4252
1/4 MAX4252
1.47k
21.5k
21.5k
21.5k
21.5k
21.5k
47k
3.3V
3.3V
11
2
2
3
4
1
1
REFOUT
REFP
REFIN
1
µF
10
µF
6V
MAX1195
N = 1
REFN
29
N.C.
N.C.
31
32
1
2
29
31
32
1
2
COM
REFOUT
NOTE: ONE FRONT-END REFERENCE CIRCUIT DESIGN MAY BE USED WITH UP TO 32 ADCs.
REFP
REFIN
MAX1195
N = 32
REFN
COM
2.0V AT 8mA
3
0.1
µF
0.1
µF
MAX4254 POWER SUPPLY
BYPASSING. PLACE CAPACITOR
AS CLOSE AS POSSIBLE TO
THE OP AMP.
3.3V
1.47k
47k
3.3V
1.5V
11
6
5
4
7
10
µF
6V
1.5V AT 0mA
1.47k
47k
3.3V
11
9
10
4
8
10
µF
6V
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
2.2
µF
10V
0.1
µF
0.1
µF
1.0V AT -8mA
330
µF
6V
330
µF
6V
330
µF
6V
2.0V
1.0V
Figure 9. External Unbuffered Reference Drive with MAX4252 and MAX6066


Similar Part No. - MAX1195

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1195 MAXIM-MAX1195 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
More results

Similar Description - MAX1195

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz