Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1195 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part No. MAX1195
Description  Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1195 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1195 Datasheet HTML 13Page - Maxim Integrated Products MAX1195 Datasheet HTML 14Page - Maxim Integrated Products MAX1195 Datasheet HTML 15Page - Maxim Integrated Products MAX1195 Datasheet HTML 16Page - Maxim Integrated Products MAX1195 Datasheet HTML 17Page - Maxim Integrated Products MAX1195 Datasheet HTML 18Page - Maxim Integrated Products MAX1195 Datasheet HTML 19Page - Maxim Integrated Products MAX1195 Datasheet HTML 20Page - Maxim Integrated Products MAX1195 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Parallel Outputs
______________________________________________________________________________________
17
passive 10Hz filter following the buffer attenuates noise
produced in the voltage reference and buffer stages.
This filtered noise density, which decreases for higher
frequencies, meets the noise levels specified for preci-
sion ADC operation.
Unbuffered External Reference Drives
Multiple ADCs
Connecting each REFIN to analog ground disables the
internal reference of each device, allowing the internal
reference ladders to be driven directly by a set of
external reference sources. Followed by a 10Hz low-
pass filter and precision voltage divider, the MAX6066
generates a DC level of 2.500V. The buffered outputs
of this divider are set to 2.0V, 1.5V, and 1.0V, with an
accuracy that depends on the tolerance of the divider
resistors. The three voltages are buffered by the
MAX4252, which provides low noise and low DC offset.
The individual voltage followers are connected to 10Hz
lowpass filters, which filter both the reference voltage
and amplifier noise to a level of 3nV/
√Hz. The 2.0V and
1.0V reference voltages set the differential full-scale
range of the associated ADCs at 2VP-P. The 2.0V and
1.0V buffers drive the ADC’s internal ladder resistances
between them.
Note that the common power supply for all active com-
ponents removes any concern regarding power-supply
sequencing when powering up or down. With the out-
puts of the MAX4252 matching better than 0.1%, the
buffers and subsequent lowpass filters can be replicat-
ed to support as many as 32 ADCs. For applications
that require more than 32 matched ADCs, a voltage
reference and divider string common to all converters
is highly recommended.
Typical QAM Demodulation Application
A frequently used modulation technique in digital com-
munications applications is quadrature amplitude
modulation (QAM). Typically found in spread-spec-
trum-based systems, a QAM signal represents a carrier
frequency modulated in both amplitude and phase. At
the transmitter, modulating the baseband signal with
MAX4250
MAX6062
16.2k
162
3.3V
2
4
2
3
5
10Hz LOWPASS
FILTER
10Hz LOWPASS
FILTER
1
1
REFOUT
REFP
REFIN
1
µF
MAX1195
N = 1
REFN
29
N.C.
2.048V
N.C.
31
32
1
2
29
31
32
1
2
COM
REFOUT
NOTE: ONE FRONT-END REFERENCE CIRCUIT DESIGN MAY BE USED WITH UP TO 1000 ADCs.
REFP
REFIN
MAX1195
N = 1000
REFN
COM
3
0.1
µF
0.1
µF
3.3V
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
2.2
µF
10V
0.1
µF
0.1
µF
0.1
µF
100
µF
0.1
µF
Figure 8. External Buffered (MAX4250) Reference Drive Using a MAX6062 Bandgap Reference


Similar Part No. - MAX1195

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1195 MAXIM-MAX1195 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
More results

Similar Description - MAX1195

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz