Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1195 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1195
Description  Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1195 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1195 Datasheet HTML 7Page - Maxim Integrated Products MAX1195 Datasheet HTML 8Page - Maxim Integrated Products MAX1195 Datasheet HTML 9Page - Maxim Integrated Products MAX1195 Datasheet HTML 10Page - Maxim Integrated Products MAX1195 Datasheet HTML 11Page - Maxim Integrated Products MAX1195 Datasheet HTML 12Page - Maxim Integrated Products MAX1195 Datasheet HTML 13Page - Maxim Integrated Products MAX1195 Datasheet HTML 14Page - Maxim Integrated Products MAX1195 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Detailed Description
The MAX1195 uses a seven-stage, fully differential,
pipelined architecture (Figure 1) that allows for high-
speed conversion while minimizing power consump-
tion. Samples taken at the inputs move progressively
through the pipeline stages every half-clock cycle.
Including the delay through the output latch, the total
clock-cycle latency is five clock cycles.
Flash ADCs convert the held input voltages into a digi-
tal code. Internal MDACs convert the digitized results
back into analog voltages, which are then subtracted
from the original held input signals. The resulting error
signals are then multiplied by two, and the residues are
passed along to the next pipeline stages where the
process is repeated until the signals have been
processed by all seven stages.
Input Track-and-Hold Circuits
Figure 2 displays a simplified functional diagram of the
input T/H circuits in both track and hold mode. In track
mode, switches S1, S2a, S2b, S4a, S4b, S5a, and S5b
are closed. The fully differential circuits sample the
input signals onto the two capacitors (C2a and C2b)
through switches S4a and S4b. S2a and S2b set the
common mode for the amplifier input, and open simul-
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Parallel Outputs
______________________________________________________________________________________
11
Pin Description (continued)
PIN
NAME
FUNCTION
42
D5A
Three-State Digital Output, Bit 5, Channel A
43
D6A
Three-State Digital Output, Bit 6, Channel A
44
D7A
Three-State Digital Output, Bit 7 (MSB), Channel A
45
REFOUT
Internal Reference Voltage Output. May be connected to REFIN through a resistor or a resistor
divider.
46
REFIN
Reference Input. VREFIN = 2 x (VREFP – VREFN).
Bypass to GND with a > 0.1µF capacitor.
47
REFP
Positive Reference I/O. Conversion range is
±(VREFP – VREFN).
Bypass to GND with a > 0.1µF capacitor.
48
REFN
Negative Reference I/O. Conversion range is
±(VREFP – VREFN).
Bypass to GND with a > 0.1µF capacitor.
8
VINA
STAGE 1
STAGE 2
D7A–D0A
VINA = INPUT VOLTAGE BETWEEN INA+ AND INA- (DIFFERENTIAL OR SINGLE ENDED)
VINB = INPUT VOLTAGE BETWEEN INB+ AND INB- (DIFFERENTIAL OR SINGLE ENDED)
DIGITAL ALIGNMENT LOGIC
STAGE 6
STAGE 7
2-BIT FLASH
ADC
T/H
8
VINB
STAGE 1
STAGE 2
D7B–D0B
DIGITAL ALIGNMENT LOGIC
STAGE 6
STAGE 7
2-BIT FLASH
ADC
T/H
Figure 1. Pipelined Architecture—Stage Blocks


Similar Part No. - MAX1195

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1195 MAXIM-MAX1195 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
More results

Similar Description - MAX1195

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com