Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1195 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1195
Description  Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1195 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1195 Datasheet HTML 4Page - Maxim Integrated Products MAX1195 Datasheet HTML 5Page - Maxim Integrated Products MAX1195 Datasheet HTML 6Page - Maxim Integrated Products MAX1195 Datasheet HTML 7Page - Maxim Integrated Products MAX1195 Datasheet HTML 8Page - Maxim Integrated Products MAX1195 Datasheet HTML 9Page - Maxim Integrated Products MAX1195 Datasheet HTML 10Page - Maxim Integrated Products MAX1195 Datasheet HTML 11Page - Maxim Integrated Products MAX1195 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Parallel Outputs
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 3V, OVDD = 3V, VREFIN = 2.048V, differential input at -1dB FS, fCLK = 40MHz, CL
≈ 10pF TA = +25°C, unless otherwise
noted.)
DIFFERENTIAL NONLINEARITY
(262144-POINT DATA RECORD)
DIGITAL OUTPUT CODE
224
192
128 160
64
98
32
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
INTEGRAL NONLINEARITY
(262144-POINT DATA RECORD)
DIGITAL OUTPUT CODE
224
192
128 160
64
98
32
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
SPURIOUS-FREE DYNAMIC RANGE
vs. INPUT POWER (fIN = 19.9159303MHz)
INPUT POWER (dB FS)
-4
-8
-12
-16
50
55
60
65
70
75
45
-20
0
TOTAL HARMONIC DISTORTION
vs. INPUT POWER (fIN = 19.9159303MHz)
INPUT POWER (dB FS)
-4
-8
-12
-16
-70
-65
-60
-55
-50
-45
-75
-20
0
SIGNAL-TO-NOISE + DISTORTION
vs. INPUT POWER (fIN = 19.9159303MHz)
INPUT POWER (dB FS)
-4
-8
-12
-16
30
35
40
45
50
55
25
-20
0
SIGNAL-TO-NOISE RATIO vs. INPUT POWER
(fIN = 19.9159303MHz)
INPUT POWER (dB FS)
-4
-8
-12
-16
30
35
40
45
50
55
25
-20
0
SMALL-SIGNAL INPUT BANDWIDTH
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
100
10
-3
-2
-1
0
1
2
-4
1
1000
VIN = 100mVP-P
FULL-POWER INPUT BANDWIDTH
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
100
10
-3
-2
-1
0
1
2
-4
1
1000
SNR/SINAD, THD/SFDR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
50
40
60
70
80
90
30
-40
85
THD
SFDR
SNR
SINAD
fIN = 19.9159303MHz


Similar Part No. - MAX1195

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1195 MAXIM-MAX1195 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
More results

Similar Description - MAX1195

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com