Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1195 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1195
Description  Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1195 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1195 Datasheet HTML 3Page - Maxim Integrated Products MAX1195 Datasheet HTML 4Page - Maxim Integrated Products MAX1195 Datasheet HTML 5Page - Maxim Integrated Products MAX1195 Datasheet HTML 6Page - Maxim Integrated Products MAX1195 Datasheet HTML 7Page - Maxim Integrated Products MAX1195 Datasheet HTML 8Page - Maxim Integrated Products MAX1195 Datasheet HTML 9Page - Maxim Integrated Products MAX1195 Datasheet HTML 10Page - Maxim Integrated Products MAX1195 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Parallel Outputs
_______________________________________________________________________________________
7
Typical Operating Characteristics
(VDD = 3V, OVDD = 3V, VREFIN = 2.048V, differential input at -1dB FS, fCLK = 40MHz, CL
≈ 10pF TA = +25°C, unless otherwise
noted.)
SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
160
120
80
40
50
60
70
80
90
40
0
200
CHA
CHB
TOTAL HARMONIC DISTORTION
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
160
120
80
40
-80
-70
-60
-50
-40
-90
0
200
CHA
CHB
SIGNAL-TO-NOISE + DISTORTION
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
160
120
80
40
46
47
48
49
50
45
0
200
CHA
CHB
SIGNAL-TO-NOISE RATIO
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
160
120
80
40
46
47
48
49
50
45
0
200
CHA
CHB
TWO-TONE IMD PLOT (DIFFERENTIAL INPUT,
8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
14
13
11 12
7
8
9
10
6
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
515
fIN1
fIN2
fCLK = 40.001536MHz
fIN1 = 10.024799MHz
fIN2 = 9.956437MHz
AIN = -7dB FS
COHERENT SAMPLING
TWO-TONE IMD PLOT (DIFFERENTIAL INPUT,
8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
4.5
4.0
3.0 3.5
1.0 1.5 2.0 2.5
0.5
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
05.0
fIN1
fIN2
fCLK = 40.001536MHz
fIN1 = 1.997147MHz
fIN2 = 2.045977MHz
AIN = -7dB FS
COHERENT SAMPLING
FFT PLOT CHA (DIFFERENTIAL INPUT,
8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
18
16
12 14
4
6
8
10
2
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
020
fINA
HD2
HD3
fINB
fCLK = 40.056789MHz
fINA = 115.0665837MHz
fINB = 99.9512724MHz
AIN = -1dB FS
COHERENT SAMPLING
FFT PLOT CHA (DIFFERENTIAL INPUT,
8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
18
16
12 14
4
6
8
10
2
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
020
fINA
HD2
HD3
fINB
fCLK = 40.056789MHz
fINA = 7.4861992MHz
fINB = 19.9159303MHz
AIN = -1dB FS
COHERENT SAMPLING
FFT PLOT CHA (DIFFERENTIAL INPUT,
8192-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
18
16
12 14
4
6
8
10
2
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
020
fINA
HD2 HD3
fINB
fCLK = 40.056789MHz
fINA = 1.0317361MHz
fINB = 7.4861992MHz
AIN = -1dB FS
COHERENT SAMPLING


Similar Part No. - MAX1195

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1195 MAXIM-MAX1195 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
More results

Similar Description - MAX1195

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com