Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5900TL-2.5 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5900TL-2.5
Description  Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5900TL-2.5 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP5900TL-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP5900TL-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin: Input Voltage
-0.3 to 6.0V
V
OUT Pin: Output Voltage
-0.3 to (V
IN + 0.3V) to
6.0V (max)
V
EN Pin: Enable Input Voltage
-0.3 to (V
IN + 0.3V) to
6.0V (max)
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
JMAX)
150˚C
Storage Temperature Range
-65 to 150˚C
Maximum Lead Temperature
(Soldering, 10 sec.)
265˚C
ESD Rating (Note 4)
Human Body Model
2 kV
Machine Model
200V
Operating Ratings(Note 1), (Note 2)
V
IN: Input Voltage Range
2.5V to 5.5V
V
EN: Enable Voltage Range
0 to (V
IN + 0.3V) to
5.5V (max)
Recommended Load Current
(Note 5)
0 to 100 mA
Junction Temperature Range (T
J)
-40˚C to +125˚C
Ambient Temperature Range (T
A)
(Note 5)
-40˚C to +85˚C
Thermal Properties
Junction to Ambient Thermal Resistance
θ
JA (Note 6)
JEDEC Board (Note 16)
88˚C/W
4L Cellphone Board
157.4˚C/W
Electrical Characteristics
Limits in standard typeface are for T
A =25
oC. Limits in boldface type apply over the full operating junction temperature range
(-40oC
≤ T
J
≤ +125oC). Unless otherwise noted, specifications apply to the LP5900 Typical Application Circuit (pg. 1) with: V
IN
=V
OUT (NOM) + 1.0V, VEN = 1.2V, CIN =COUT = 0.47 µF, IOUT = 1.0 mA. (Note 2), (Note 7)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN
Input Voltage
2.5
5.5
V
∆V
OUT
Output Voltage Tolerance
V
IN =(VOUT(NOM) + 1.0V) to 5.5V, IOUT
= 1 mA to 100mA
−2
2
%
Line Regulation
V
IN =(VOUT(NOM) + 1.0V) to 5.5V, IOUT
=1mA
0.05
%/V
Load Regulation
I
OUT = 1 mA to 100 mA
0.001
%/mA
I
LOAD
Load Current
(Note 9)
0
mA
Maximum Output Current
(Note 15)
100
I
Q
Quiescent Current (Note 11)
V
EN = 1.2V, IOUT =0mA
25
50
µA
V
EN = 1.2V, IOUT = 100 mA
100
200
V
EN = 0.3V (Disabled)
0.003
1.0
I
G
Ground Current (Note 13)
I
OUT =0mA(VOUT = 2.5V)
30
µA
V
DO
Dropout Voltage
I
OUT = 100 mA
80
150
mV
I
SC
Short Circuit Current Limit
(Note 12)
300
mA
PSRR
Power Supply Rejection Ratio
(Note 15)
f = 100 Hz, I
OUT = 100 mA
85
dB
f = 1 kHz, I
OUT = 100 mA
75
f = 10 kHz, I
OUT = 100 mA
65
f = 50 kHz, I
OUT = 100 mA
52
f = 100 kHz, I
OUT = 100 mA
40
e
n
Output Noise Voltage
(Note 15)
BW=10Hzto100
kHz, V
IN = 4.2V
I
OUT =0mA
7
µV
RMS
I
OUT =1mA
10
I
OUT = 100 mA
6.5
T
SHUTDOWN
Thermal Shutdown
Temperature
160
oC
Hysteresis
20
www.national.com
4


Similar Part No. - LP5900TL-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5900TL-2.5/NOPB TI1-LP5900TL-2.5/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900TL-2.5/NOPB TI1-LP5900TL-2.5/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
More results

Similar Description - LP5900TL-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
[Old version datasheet]   Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904_16 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5900 TI-LP5900_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP5900 Ultra Low-Noise, 150-mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5900SD-3.0 TI1-LP5900SD-3.0 Datasheet
1Mb / 25P
[Old version datasheet]   LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900TLX-2.8 TI1-LP5900TLX-2.8 Datasheet
1Mb / 25P
[Old version datasheet]   LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900SD-3.3_NOPB TI1-LP5900SD-3.3_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
[Old version datasheet]   LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5907_15 TI-LP5907_15_15 Datasheet
1Mb / 36P
[Old version datasheet]   LP5907 Ultra Low-Noise, 250-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com