Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M36L0R8060T0 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M36L0R8060T0
Description  256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36L0R8060T0 Datasheet(HTML) 3 Page - STMicroelectronics

  M36L0R8060T0 Datasheet HTML 1Page - STMicroelectronics M36L0R8060T0 Datasheet HTML 2Page - STMicroelectronics M36L0R8060T0 Datasheet HTML 3Page - STMicroelectronics M36L0R8060T0 Datasheet HTML 4Page - STMicroelectronics M36L0R8060T0 Datasheet HTML 5Page - STMicroelectronics M36L0R8060T0 Datasheet HTML 6Page - STMicroelectronics M36L0R8060T0 Datasheet HTML 7Page - STMicroelectronics M36L0R8060T0 Datasheet HTML 8Page - STMicroelectronics M36L0R8060T0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
M36L0R8060T0, M36L0R8060B0
DC AND AC PARAMETERS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 4. Operating and AC Measurement Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5. AC Measurement I/O Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 6. AC Measurement Load Circuit. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 5. Device Capacitance. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 6. Flash Memory DC Characteristics - Currents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 7. Flash Memory DC Characteristics - Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 8. PSRAM DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
PACKAGE MECHANICAL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 7. TFBGA88 8x10mm, 8x10 ball array - 0.8mm pitch, Bottom View Package Outline . . . . 15
Table 9. Stacked TFBGA88 8x10mm - 8x10 active ball array, 0.8mm pitch, Package Data. . . . . 15
PART NUMBERING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 10. Ordering Information Scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
REVISION HISTORY . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 11. Document Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17


Similar Part No. - M36L0R8060T0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T1ZAQE STMICROELECTRONICS-M36L0R8060T1ZAQE Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T1ZAQF STMICROELECTRONICS-M36L0R8060T1ZAQF Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R8060T1ZAQT STMICROELECTRONICS-M36L0R8060T1ZAQT Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
More results

Similar Description - M36L0R8060T0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36L0R8060T1 STMICROELECTRONICS-M36L0R8060T1 Datasheet
390Kb / 18P
   256 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36LLR8760T1 STMICROELECTRONICS-M36LLR8760T1 Datasheet
427Kb / 19P
   256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36P0R9060N0 NUMONYX-M36P0R9060N0 Datasheet
454Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Mux I/O, Multi-Chip Package
logo
STMicroelectronics
M36L0R7040T0 STMICROELECTRONICS-M36L0R7040T0 Datasheet
352Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory and 16 Mbit PSRAM, 1.8V Supply, Multi-Chip Package
M36L0R7050T0 STMICROELECTRONICS-M36L0R7050T0 Datasheet
406Kb / 18P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com