Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL032D90TFE042 Datasheet(PDF) 10 Page - SPANSION

Part # S29AL032D90TFE042
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D90TFE042 Datasheet(HTML) 10 Page - SPANSION

Back Button S29AL032D90TFE042 Datasheet HTML 6Page - SPANSION S29AL032D90TFE042 Datasheet HTML 7Page - SPANSION S29AL032D90TFE042 Datasheet HTML 8Page - SPANSION S29AL032D90TFE042 Datasheet HTML 9Page - SPANSION S29AL032D90TFE042 Datasheet HTML 10Page - SPANSION S29AL032D90TFE042 Datasheet HTML 11Page - SPANSION S29AL032D90TFE042 Datasheet HTML 12Page - SPANSION S29AL032D90TFE042 Datasheet HTML 13Page - SPANSION S29AL032D90TFE042 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
8
S29AL032D
S29AL032D_00_A3 June 13, 2005
Advan ce
In form ati o n
For Models 03, 04 Only
Special Handling Instructions
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning meth-
ods. The package and/or data integrity may be compromised if the package body is exposed to
temperatures above 150°C for prolonged periods of time.
A1
B1
C1
D1
E1
F1
G1
H1
A2
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ15/A-1
VSS
BYTE#
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
NC
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
48-ball FBGA Top view balls facing down


Similar Part No. - S29AL032D90TFE042

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL004D SPANSION-S29AL004D Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI010 SPANSION-S29AL004D70BAI010 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI012 SPANSION-S29AL004D70BAI012 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI013 SPANSION-S29AL004D70BAI013 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI020 SPANSION-S29AL004D70BAI020 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL032D90TFE042

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
ATMEL Corporation
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
ATMEL Corporation
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com