Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL032D70TFE042 Datasheet(PDF) 3 Page - SPANSION

Part # S29AL032D70TFE042
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D70TFE042 Datasheet(HTML) 3 Page - SPANSION

  S29AL032D70TFE042 Datasheet HTML 1Page - SPANSION S29AL032D70TFE042 Datasheet HTML 2Page - SPANSION S29AL032D70TFE042 Datasheet HTML 3Page - SPANSION S29AL032D70TFE042 Datasheet HTML 4Page - SPANSION S29AL032D70TFE042 Datasheet HTML 5Page - SPANSION S29AL032D70TFE042 Datasheet HTML 6Page - SPANSION S29AL032D70TFE042 Datasheet HTML 7Page - SPANSION S29AL032D70TFE042 Datasheet HTML 8Page - SPANSION S29AL032D70TFE042 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S29AL032D_00
Revision A Amendment 3 Issue Date June 13, 2005
Distinctive Characteristics
Architectural Advantages
Single power supply operation
— Full voltage range: 2.7 to 3.6 volt read and write op-
erations for battery-powered applications
Manufactured on 200 nm process technology
— Fully compatible with 0.23 µm Am29LV320D, 0.32 µm
Am29LV033C, and 0.33 µm MBM29LV320E devices
Flexible sector architecture
— Boot sector models: Eight 8-Kbyte sectors; sixty-
three 64-Kbyte sectors; top or bottom boot block
configurations available
— Uniform sector models: Sixty-four 64-Kbyte sectors
Sector Protection features
— A hardware method of locking a sector to prevent any
program or erase operations within that sector
— Sectors can be locked in-system or via programming
equipment
— Temporary Sector Unprotect feature allows code
changes in previously locked sectors
Unlock Bypass Program Command
— Reduces overall programming time when issuing
multiple program command sequences
Secured Silicon Sector
— 128-word sector for permanent, secure identification
through an 8-word random Electronic Serial Number
— May be programmed and locked at the factory or by
the customer
— Accessible through a command sequence
Compatibility with JEDEC standards
— Pinout and software compatible with single-power
supply Flash
— Superior inadvertent write protection
Package Options
48-ball FBGA
48-pin TSOP
40-pin TSOP
Performance Characteristics
High performance
— Access times as fast as 70 ns
Ultra low power consumption (typical values
at 5 MHz)
— 200 nA Automatic Sleep mode current
— 200 nA standby mode current
— 9 mA read current
— 20 mA program/erase current
Cycling endurance: 1,000,000 cycles per
sector typical
Data retention: 20 years typical
Software Features
CFI (Common Flash Interface) compliant
— Provides device-specific information to the system,
allowing host software to easily reconfigure for
different Flash devices
Erase Suspend/Erase Resume
— Suspends an erase operation to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation
Data# Polling and toggle bits
— Provides a software method of detecting program or
erase operation completion
— Unlock Bypass Program Command
Reduces overall programming time when issuing
multiple program command sequences
Hardware Features
Ready/Busy# pin (RY/BY#)
— Provides a hardware method of detecting program or
erase cycle completion
Hardware reset pin (RESET#)
— Hardware method to reset the device to reading array
data
WP#/ACC input pin
— Write protect (WP#) function allows protection of two
outermost boot sectors (boot sector models only),
regardless of sector protect status
— Acceleration (ACC) function provides accelerated
program times
S29AL032D
32 Megabit CMOS 3.0 Volt-only Flash Memory
4 M x 8-Bit Uniform Sector
4 M x 8-Bit/2 M x 16-Bit Boot Sector
Data Sheet
ADVANCE
INFORMATION


Similar Part No. - S29AL032D70TFE042

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL004D SPANSION-S29AL004D Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI010 SPANSION-S29AL004D70BAI010 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI012 SPANSION-S29AL004D70BAI012 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI013 SPANSION-S29AL004D70BAI013 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI020 SPANSION-S29AL004D70BAI020 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL032D70TFE042

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
ATMEL Corporation
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
ATMEL Corporation
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com