Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R4004C1C-E20 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6R4004C1C-E20
Description  1Mx4 Bit High Speed Static RAM(5V Operating).
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4004C1C-E20 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6R4004C1C-E20 Datasheet HTML 1Page - Samsung semiconductor K6R4004C1C-E20 Datasheet HTML 2Page - Samsung semiconductor K6R4004C1C-E20 Datasheet HTML 3Page - Samsung semiconductor K6R4004C1C-E20 Datasheet HTML 4Page - Samsung semiconductor K6R4004C1C-E20 Datasheet HTML 5Page - Samsung semiconductor K6R4004C1C-E20 Datasheet HTML 6Page - Samsung semiconductor K6R4004C1C-E20 Datasheet HTML 7Page - Samsung semiconductor K6R4004C1C-E20 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K6R4004C1C-C, K6R4004C1C-I, K6R4004C1C-E
CMOS SRAM
PRELIMINARY
Rev 3.0
- 3 -
March 2000
DC AND OPERATING CHARACTERISTICS*(TA=0 to 70
°C, Vcc=5.0V±10%, unless otherwise specified)
* The above parameters are also guaranteed at extended and industrial temperature range.
** VCC=5.0V
±5%, Temp.=25°C.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
ILI
VIN=VSS to VCC
-2
2
µA
Output Leakage Current
ILO
CS=VIH or OE=VIH or WE=VIL
VOUT=VSS to VCC
-2
2
µA
Operating Current
ICC
Min. Cycle, 100% Duty
CS=VIL, VIN=VIH or VIL, IOUT=0mA
Com.
10ns
-
160
mA
12ns
-
150
15ns
-
140
20ns
-
130
Ext.
Ind.
10ns
-
175
12ns
-
165
15ns
-
155
20ns
-
145
Standby Current
ISB
Min. Cycle, CS=VIH
-
60
mA
ISB1
f=0MHz, CS
≥VCC-0.2V,
VIN
≥VCC-0.2V or VIN≤0.2V
-
10
Output Low Voltage Level
VOL
IOL=8mA
-
0.4
V
Output High Voltage Level
VOH
IOH=-4mA
2.4
-
V
VOH1**
IOH1=-0.1mA
-
3.95
V
CAPACITANCE*(TA=25
°C, f=1.0MHz)
* Capacitance is sampled and not 100% tested.
Item
Symbol
Test Conditions
MIN
Max
Unit
Input/Output Capacitance
CI/O
VI/O=0V
-
8
pF
Input Capacitance
CIN
VIN=0V
-
7
pF
ABSOLUTE MAXIMUM RATINGS*
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to VCC+0.5
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to 7.0
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TA
0 to 70
°C
Extended
TA
-25 to 85
°C
Industrial
TA
-40 to 85
°C
RECOMMENDED DC OPERATING CONDITIONS*(TA=0 to 70
°C)
*
The above parameters are also guaranteed at extended and industrial temperature range.
** VIL(Min) = -2.0V a.c(Pulse Width
≤ 8ns) for I ≤ 20mA.
*** VIH(Max) = VCC + 2.0V a.c (Pulse Width
≤ 8ns) for I ≤ 20mA.
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
4.5
5.0
5.5
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.2
-
VCC+0.5***
V
Input Low Voltage
VIL
-0.5**
-
0.8
V


Similar Part No. - K6R4004C1C-E20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4004C1D-J SAMSUNG-K6R4004C1D-J Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004C1D-JC SAMSUNG-K6R4004C1D-JC Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4004C1D-JC0810 SAMSUNG-K6R4004C1D-JC0810 Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
More results

Similar Description - K6R4004C1C-E20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4004C1D SAMSUNG-K6R4004C1D Datasheet
223Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating)
K6R4016C1C-C SAMSUNG-K6R4016C1C-C Datasheet
184Kb / 11P
   256Kx16 Bit High Speed Static RAM(5V Operating).
K64004C1D SAMSUNG-K64004C1D Datasheet
177Kb / 9P
   1Mx4 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
K6R4008C1D SAMSUNG-K6R4008C1D Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(5.0V Operating)
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com