Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL032D90BFI042 Datasheet(PDF) 11 Page - SPANSION

Part # S29AL032D90BFI042
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D90BFI042 Datasheet(HTML) 11 Page - SPANSION

Back Button S29AL032D90BFI042 Datasheet HTML 7Page - SPANSION S29AL032D90BFI042 Datasheet HTML 8Page - SPANSION S29AL032D90BFI042 Datasheet HTML 9Page - SPANSION S29AL032D90BFI042 Datasheet HTML 10Page - SPANSION S29AL032D90BFI042 Datasheet HTML 11Page - SPANSION S29AL032D90BFI042 Datasheet HTML 12Page - SPANSION S29AL032D90BFI042 Datasheet HTML 13Page - SPANSION S29AL032D90BFI042 Datasheet HTML 14Page - SPANSION S29AL032D90BFI042 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
June 13, 2005 S29AL032D_00_A3
S29AL032D
9
Ad vance
Info rmat i o n
Pin Configuration
A0–A21
=
22 address inputs
A0-A20
=
21 address inputs
DQ0–DQ7
=
8 data inputs/outputs
DQ0-DQ14
=
15 data inputs/outputs
DQ15/A-1
=
DQ15 (data input/output, word mode),
A-1 (LSB address input, byte mode)
BYTE#
=
Selects 8-bit or 16-bit mode
CE#
=
Chip enable
OE#
=
Output enable
WE#
=
Write enable
RESET#
=
Hardware reset pin
WP#/ACC
=
Hardware Write Protect input/Programming
Acceleration input.
ACC
=
Hardware Write Protect input
RY/BY#
=
Ready/Busy output
VCC
=
3.0 volt-only single power supply
see Product Selector Guide on page 5 for speed
options and voltage supply tolerances)
VSS
=Device ground
NC
=
Pin not connected internally
Logic Symbol
Model 00
Models 03, 04
22
8
DQ0–DQ7
A0–A21
CE#
OE#
WE#
RESET#
RY/BY#
ACC
21
16 or 8
DQ0–DQ15
(A-1)
A0–A20
CE#
OE#
WE#
RESET#
RY/BY#
BYTE#
WP#/ACC


Similar Part No. - S29AL032D90BFI042

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL004D SPANSION-S29AL004D Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI010 SPANSION-S29AL004D70BAI010 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI012 SPANSION-S29AL004D70BAI012 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI013 SPANSION-S29AL004D70BAI013 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI020 SPANSION-S29AL004D70BAI020 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL032D90BFI042

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
ATMEL Corporation
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
ATMEL Corporation
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com