Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT-121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LBT-121
Description  Compact package based on the double-mold method.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LBT-121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LBT-121 Datasheet HTML 1Page - List of Unclassifed Manufacturers LBT-121 Datasheet HTML 2Page - List of Unclassifed Manufacturers LBT-121 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
--1--
Letex Technology Corp.
Photointerrupter
Model No: LBT-121
Features
˙Compact package based on the double-mold method.
˙High resolution (slit width = 0.5mm).
˙Gap between emitter and detector is 5.0mm.
Applications
˙Floppy disk drives
˙Printers
˙Cameras
Outline Dimensions (Unit: mm)


Similar Part No. - LBT-121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBT-124 ETC-LBT-124 Datasheet
156Kb / 3P
   Subminiature Photointerrupter
LBT-125 ETC1-LBT-125 Datasheet
147Kb / 3P
   Compact package based on the double-mold method
More results

Similar Description - LBT-121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBT-125 ETC1-LBT-125 Datasheet
147Kb / 3P
   Compact package based on the double-mold method
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
   Amplifier based on the TS4990IQT
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
   Plethysmograph based on the TS507
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
[Old version datasheet]   Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-IFS017V6 STMICROELECTRONICS-STEVAL-IFS017V6 Datasheet
404Kb / 4P
   Temperature sensor daughter card based on the STTS2002B2DN3F in TDFN8 package
STEVAL-ICB010V1 STMICROELECTRONICS-STEVAL-ICB010V1 Datasheet
242Kb / 4P
   AirNavigationPad based on the STM8T143, STM32F103
logo
KODENSHI_AUK CORP.
ST333R4F KODENSHI-ST333R4F Datasheet
146Kb / 3P
   Compact package with double-end leads
logo
STMicroelectronics
STEVAL-IFS017V3 STMICROELECTRONICS-STEVAL-IFS017V3 Datasheet
83Kb / 4P
   Temperature sensor daughter card based on the STTS751-1DP3F in UDFN package
STEVAL-IFS017V5 STMICROELECTRONICS-STEVAL-IFS017V5 Datasheet
84Kb / 4P
   Temperature sensor daughter card based on the STTS751-1WB3F in SOT package
logo
KODENSHI_AUK CORP.
EL333F KODENSHI-EL333F Datasheet
135Kb / 3P
   Compact package with double-end leads
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com