Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9E2G08U0M-F Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K9E2G08U0M-F
Description  256M x 8 Bits NAND Flash Memory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9E2G08U0M-F Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K9E2G08U0M-F Datasheet HTML 3Page - Samsung semiconductor K9E2G08U0M-F Datasheet HTML 4Page - Samsung semiconductor K9E2G08U0M-F Datasheet HTML 5Page - Samsung semiconductor K9E2G08U0M-F Datasheet HTML 6Page - Samsung semiconductor K9E2G08U0M-F Datasheet HTML 7Page - Samsung semiconductor K9E2G08U0M-F Datasheet HTML 8Page - Samsung semiconductor K9E2G08U0M-F Datasheet HTML 9Page - Samsung semiconductor K9E2G08U0M-F Datasheet HTML 10Page - Samsung semiconductor K9E2G08U0M-F Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
FLASH MEMORY
7
K9E2G08U0M
Preliminary
Product Introduction
The K9E2G08U0M is a 2,112Mbits(2,214,592,512 bits) memory organized as 524,288 rows(pages) by 528 columns. Spare sixteen
columns are located from column address of 512 to 527. A 528-bytes data register is connected to memory cell arrays accommodat-
ing data transfer between the I/O buffers and memory during page read and page program operations. The memory array is made up
of 16 cells that are serially connected to form a NAND structure. Each of the 16 cells resides in a different page. A block consists of
the 32 pages formed two NAND structures. A NAND structure consists of 16 cells. Total 1,056 NAND structures reside in a block. The
array organization is shown in Figure 2. The program and read operations are executed on a page basis, while the erase operation is
executed on a block basis. The memory array consists of 16,384 separately erasable 16K-bytes blocks. It indicates that the bit by bit
erase operation is prohibited on the K9E2G08U0M.
The K9E2G08U0M has addresses multiplexed into 8 I/O's. This scheme dramatically reduces pin counts and allows systems
upgrades to future densities by maintaining consistency in system board design. Command, address and data are all written through
I/O's by bringing WE to low while CE is low. Data is latched on the rising edge of WE. Command Latch Enable(CLE) and Address
Latch Enable(ALE) are used to multiplex command and address respectively, via the I/O pins. The 256M byte physical space requires
28 addresses, thereby requiring four cycles for byte-level addressing : 1 cycle of column address, 3 cycles of row address, in that
order. Page Read and Page Program need the same four address cycles following the required command input. In Block Erase oper-
ation, however, only the 3 cycles of row address are used. Device operations are selected by writing specific commands into the com-
mand register. Table 1 defines the specific commands of the K9E2G08U0M.
The device provides simultaneous program/erase capability up to four pages/blocks. By dividing the memory array into eight 256Mbit
separate planes, simultaneous multi-plane operation dramatically increases program/erase performance by 4X while still maintaining
the conventional 512 bytes structure. The extended pass/fail status for multi-plane program/erase allows system software to quickly
identify the failing page/block out of selected multiple pages/blocks. Usage of multi-plane operations will be described further through-
out this document.
In addition to the enhanced architecture and interface, the device incorporates copy-back program feature from one page to another
of the same plane without the need for transporting the data to and from the external buffer memory. Since the time-consuming burst-
reading and data-input cycles are removed, system performance for solid-state disk application is significantly increased.
The device includes one block sized OTP(One Time Programmable), which can be used to increase system security or to provide
identification capabilities. Detailed information can be obtained by contact with Samsung.
Table 1. Command Sets
NOTE : 1. The 00h/01h command defines starting address of the 1st/2nd half of registers.
After data access on the 2nd half of register by the 01h command, the status pointer is automatically moved to the 1st half register(00h)
on the next cycle.
2. Page Program(True) and Copy-Back Program(True) are available on 1 plane operation.
Page Program(Dummy) and Copy-Back Program(Dummy) are available on the 2nd, 3rd, 4th plane of multi-plane operation.
3. The 71h command should be used for read status of Multi Plane operation.
Caution : Any undefined command inputs are prohibited except for above command set of Table 1.
Function
1’st Cycle
2’nd
Cycle
3’rd
Cycle
4’th Cycle
5’th Cycle
Acceptable Command
during Busy
Read 1
00h/01h(1)
---
-
Read 2
50h
-
-
-
-
Read ID
90h/91h
-
-
-
-
Reset
FFh
---
-
O
Page Program (True)(2)
80h
10h
-
-
-
Page Program (Dummy)(2)
80h
11h
-
-
-
Copy-Back Program(True)(2)
00h
8Ah
10h
-
-
Copy-Back Program(Dummy)(2)
03h
8Ah
11h
-
-
Block Erase
60h
D0h
-
-
-
Multi-Plane Block Erase
60h----60h
D0h
-
-
-
Read Status
70h
-
-
-
-
O
Read Multi-Plane Status
71h(3)
---
-
O


Similar Part No. - K9E2G08U0M-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9E2G08B0M SAMSUNG-K9E2G08B0M Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08B0M-F SAMSUNG-K9E2G08B0M-F Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08B0M-FCB0 SAMSUNG-K9E2G08B0M-FCB0 Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08B0M-FIB0 SAMSUNG-K9E2G08B0M-FIB0 Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9E2G08B0M-P SAMSUNG-K9E2G08B0M-P Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
More results

Similar Description - K9E2G08U0M-F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9E2G08B0M SAMSUNG-K9E2G08B0M Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
K9T1G08U0M SAMSUNG-K9T1G08U0M Datasheet
888Kb / 38P
   128M x 8 Bits NAND Flash Memory
K9F1208X0C SAMSUNG-K9F1208X0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D2G81KA ESMT-F59D2G81KA Datasheet
985Kb / 60P
   2 Gbit (256M x 8) 1.8V NAND Flash Memory
F59L2G81XA ESMT-F59L2G81XA Datasheet
3Mb / 95P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
F59L2G81KA ESMT-F59L2G81KA Datasheet
1Mb / 60P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
logo
Samsung semiconductor
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com