Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1208D0A Datasheet(PDF) 24 Page - Samsung semiconductor

Part # K9F1208D0A
Description  64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1208D0A Datasheet(HTML) 24 Page - Samsung semiconductor

Back Button K9F1208D0A Datasheet HTML 20Page - Samsung semiconductor K9F1208D0A Datasheet HTML 21Page - Samsung semiconductor K9F1208D0A Datasheet HTML 22Page - Samsung semiconductor K9F1208D0A Datasheet HTML 23Page - Samsung semiconductor K9F1208D0A Datasheet HTML 24Page - Samsung semiconductor K9F1208D0A Datasheet HTML 25Page - Samsung semiconductor K9F1208D0A Datasheet HTML 26Page - Samsung semiconductor K9F1208D0A Datasheet HTML 27Page - Samsung semiconductor K9F1208D0A Datasheet HTML 28Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
FLASH MEMORY
24
K9F1208D0A
K9F1208U0A
K9F1216D0A
K9F1216U0A
tCHZ
tOH
Status Read Cycle
CE
WE
CLE
RE
I/OX
70h
Status Output
tCLR
tCLH
tCS
tWP
tCH
tDS
tDH
tREA
tIR
tOH
tOH
tWHR
tCEA
tCLS
READ1 OPERATION (READ ONE PAGE)
X8 device : m = 528 , Read CMD = 00h or 01h
X16 device : m = 264 , Read CMD = 00h
1)
NOTES : 1) is only valid on K9F1208U0A-Y,P,V,F or K9F1208D0A-Y,P
On K9F1208U0A-Y,P,V,F or K9F1208D0A-Y,P
CE must be held
low during tR
1)
CE
CLE
R/B
I/OX
WE
ALE
RE
Busy
00h or 01h A0 ~ A7
A9 ~ A16
A17 ~ A24
Dout N
Dout N+1
Dout N+2
Column
Address
Page(Row)
Address
tWB
tAR
tR
tRC
tRHZ
tRR
Dout m
tRB
tCRY
tWC
A25
tCEH
1)
N Address
tCHZ
tRHZ
tOH


Similar Part No. - K9F1208D0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208D0B SAMSUNG-K9F1208D0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208D0B-D SAMSUNG-K9F1208D0B-D Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208D0B-Y SAMSUNG-K9F1208D0B-Y Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F1208D0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com