Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV12824-8BI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61LV12824-8BI
Description  128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12824-8BI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61LV12824-8BI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12824-8BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
IS61LV12824
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. D
06/22/05
Copyright © 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
FEATURES
• High-speed access time: 8, 10 ns
• CMOS low power operation
— 756 mW (max.) operating @ 8 ns
— 36 mW (max.) standby @ 8 ns
• TTL compatible interface levels
• Single 3.3V power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Available in 119-pin Plastic Ball Grid Array
(PBGA) and 100-pin TQFP packages.
• Industrial temperature available
• Lead-free available
DESCRIPTION
The
ISSI IS61LV12824 is a high-speed, static RAM organized
as 131,072 words by 24 bits. It is fabricated using
ISSI's high-
performance CMOS technology. This highly reliable process
coupled with innovative circuit design techniques, yields ac-
cess times as fast as 8 ns with low power consumption.
When
CE1, CE2 are HIGH and CE2 is LOW (deselected), the
device assumes a standby mode at which the power dissipa-
tion can be reduced down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE1, CE2, CE2 and OE. The active
LOW Write Enable (
WE) controls both writing and reading of
the memory.
The IS61LV12824 is packaged in the JEDEC standard
119-pin PBGA and 100-pin TQFP.
FUNCTIONAL BLOCK DIAGRAM
JUNE 2005
A0-A16
CE1
OE
WE
128K x 24
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
CE2
CE2
I/O0-I/O23
128K x 24 HIGH-SPEED CMOS STATIC RAM
WITH 3.3V SUPPLY


Similar Part No. - IS61LV12824-8BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816 ISSI-IS61LV12816 Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816-10B ISSI-IS61LV12816-10B Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV12816-10B ICSI-IS61LV12816-10B Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV12824-8BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816-12LQI ISSI-IS61LV12816-12LQI Datasheet
88Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816L ISSI-IS61LV12816L Datasheet
112Kb / 16P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Integrated Circuit Solu...
IS61LV6424-10 ICSI-IS61LV6424-10 Datasheet
138Kb / 10P
   64K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
Samsung semiconductor
K6R3024V1D SAMSUNG-K6R3024V1D Datasheet
172Kb / 9P
   128K x 24 Bit High-Speed CMOS Static RAM(3.3V Operating)
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7MMV4101 IDT-IDT7MMV4101 Datasheet
86Kb / 8P
   128K x 24 Three Megabit 3.3V CMOS Static RAM
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com