Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS61LV12824 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part No. IS61LV12824
Description  128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12824 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61LV12824 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
IS61LV12824
ISSI®
4
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. D
06/22/05
OPERATING RANGE
Range
Ambient Temperature
VCC (8 ns)
VCC (10 ns)
Commercial
0°C to +70°C
3.3V + 10%, – 5%
3.3V ± 10%
Industrial
–40°C to +85°C
3.3V + 10%, – 5%
3.3V ± 10%
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VCC, Outputs Disabled
–1
1
µA
Note:
1. VIL (min.) = –0.3V DC; VIL (min.) = –2.0V AC (pulse width
≤ 2.0 ns).
VIH (max.) = VCC + 0.3V DC; VIH (max.) = VCC + 2.0V AC (pulse width
≤ 2.0 ns).
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage Relative to GND
–0.5 to 5.0
V
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc + 0.5
V
TSTG
Storage Temperature
–65 to + 150
°C
TBIAS
Temperature Under Bias:
Com.
–10 to + 85
°C
Ind.
–45 to + 90
°C
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
±20
mA
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CE1
CE1
CE1
CE1
CE1
CE2
CE2
CE2
CE2
CE2
CE2
OE
OE
OE
OE
OE
I/O0-I/O23
Vcc Current
Not Selected
X
H
X
X
X
High-Z
ISB1, ISB2
XX
L
X
X
XXX
H
X
Output Disabled
H
L
H
L
H
High-Z
ICC
Read
H
L
H
L
L
DOUT
ICC
Write
L
L
H
L
X
DIN
ICC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn