Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS61LV12824 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part No. IS61LV12824
Description  128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12824 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61LV12824 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12824 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
IS61LV12824
1
2
3
4
5
6
7
8
9
10
11
12
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. D
06/22/05
PIN CONFIGURATION
100-Pin TQFP
NC
Vcc
GND
I/O0
I/O1
GND
VccQ
I/O2
I/O3
GND
VccQ
I/O4
I/O5
Vcc
NC
NC
GND
I/O6
I/O7
VccQ
GND
I/O8
I/O9
VccQ
GND
I/O10
I/O11
Vcc
GND
NC
NC
Vcc
GND
I/O16
I/O17
GND
VccQ
I/O18
I/O19
GND
VccQ
I/O20
I/O21
Vcc
NC
NC
GND
I/O22
I/O23
VccQ
GND
I/O12
I/O13
VccQ
GND
I/O14
I/O15
Vcc
GND
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
PIN DESCRIPTIONS
A0-A16
Address Inputs
I/O0-I/O23
Data Inputs/Outputs
CE1, CE2
Chip Enable Input LOW
CE2
Chip Enable Input HIGH
OE
Output Enable Input
WE
Write Enable Input
NC
No Connection
Vcc
Power
VCCQ
I/O Power
GND
Ground


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn