Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

1405739 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 1405739
Description  Sensor/actuator box - SACB-8/16-L- 5,0PUR SCO P NPN
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1405739 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
https://www.phoenixcontact.com/us/products/1405739
09.10.2013   Page 2 / 8
Sensor/actuator box - SACB-8/16-L- 5,0PUR SCO P NPN - 1405739
Technical data
General
Sensor/actuator connection system
M12-SPEEDCON-socket
Ambient conditions
Degree of protection
IP65
IP67
Ambient temperature (operation)
-25 °C ... 80 °C
-40 °C ... 90 °C (for fixed installation)
-5 °C ... 80 °C (for flexible installation)
Local diagnostics function
Local diagnostics
Supply voltage Green LED
Status display I/O Yellow LED
Master cable connection data
Connection method
Fixed connection
Length of cable
5 m
Tightening torque slot sensor/actuator cable
0.4 Nm
Tightening torque screw plug
0.4 Nm
Insulation material
Housing material
PBT
Material of the moulding mass
PUR
Contact material
Cu alloy
Contact surface material
Gold-plated
Contact carrier material
PA
Material of threaded sleeve
PBT
Material, O-ring
NBR
Pin assignment
Slot/position = Wire color or connection
1 / 4 (A) = WH
1 / 2 (B) = GY/PK
2 / 4 (A) = GN
2 / 2 (B) = RD/BU
3 / 4 (A) = YE
3 / 2 (B) = WH/GN
4 / 4 (A) = GY
4 / 2 (B) = BN/GN
5 / 4 (A) = PK
5 / 2 (B) = WH/YE
6 / 4 (A) = RD


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn