Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

1405739 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1405739
Description  Sensor/actuator box - SACB-8/16-L- 5,0PUR SCO P NPN
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1405739 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/us/products/1405739
09.10.2013   Page 1 / 8
Sensor/actuator box - SACB-8/16-L- 5,0PUR SCO P NPN - 1405739
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Sensor/actuator box, Connection method: M12-SPEEDCON-socket, Number of slots: 8, Number of positions:
5, Slot assignment: Double, Status indication: Yes, npn; Master cable connection: Fixed connection 180°, PUR/
PVC, Cable length: 5 m, Shielding: No
Product Features
 Safety in the field, thanks to molded housing and high degree of protection
 Flexible, distributed bundling of signals in one master cable
 Convenient: increased machine availability thanks to quick and easy diagnostics
 Save space: distributor box with double occupancy for two sensors in one slot
 Save time, thanks to installation with SPEEDCON rapid interlock system
 
 
Key commercial data
Packing unit
1 PCE
Minimum order quantity
25 PCE
GTIN
Custom tariff number
85444290
Country of origin
POLAND
Technical data
General
Rated voltage
24 V DC
Max. operating voltage Umax
30 V DC
Current carrying capacity per I/O signal
2 A
Current carrying capacity per slot
4 A
Total rated current
12 A
Number of positions
5
Number of slots
8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn