Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

1405739 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part No. 1405739
Description  Sensor/actuator box - SACB-8/16-L- 5,0PUR SCO P NPN
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1405739 Datasheet(HTML) 7 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
https://www.phoenixcontact.com/us/products/1405739
09.10.2013   Page 7 / 8
Sensor/actuator box - SACB-8/16-L- 5,0PUR SCO P NPN - 1405739
Accessories
Tools
Torque screwdriver - TSD 04 SAC - 1208429
Torque screwdriver, with preset torque of 0.4 Nm and 4 mm hexagonal drive for M12 connectors
 
 
Tool - SAC BIT M12-D15 - 1208432
Nut for assembling sensor/actuator cables with M12 connector and for M12 connectors with QUICKON fast connection
technology, for 4 mm hexagonal drive
 
 
Tool - SACC BIT M12-D20 - 1208445
Nut for assembling SACC M12 connectors for free assembly, excluding M12 connectors with QUICKON fast connection
technology, for 4 mm hexagonal drive
 
 
Drawings
Schematic diagram
3
4
2
1
5
M12 slot, socket, 5-pos.
Cable cross section
PUR/PVC black [PUR]


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn