Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

1405739 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 1405739
Description  Sensor/actuator box - SACB-8/16-L- 5,0PUR SCO P NPN
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1405739 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
https://www.phoenixcontact.com/us/products/1405739
09.10.2013   Page 3 / 8
Sensor/actuator box - SACB-8/16-L- 5,0PUR SCO P NPN - 1405739
Technical data
Pin assignment
6 / 2 (B) = YE/BN
7 / 4 (A) = BK
7 / 2 (B) = WH/GY
8 / 4 (A) = VT
8 / 2 (B) = GY/BN
1-4 / 1 (+ 24 V) = BN
1-8 / 3 (0 V) = BU
1-8 / 5 (PE) = GN/YE
Cable
Cable type
PUR/PVC black
Cable type (abbreviation)
PUR
Cable abbreviation
LiYY11Y-HF
UL AWM style
20549 (80°C/300 V)
Conductor cross section
16x 0.5 mm² (signal line)
3x 1 mm² (power line)
AWG signal line
20
AWG power supply
17
Conductor structure signal line
28x 0.15 mm
Conductor structure, voltage supply
56x 0.15 mm
Core diameter including insulation
1.5 mm ±0.1 mm (signal line)
2.1 mm ±0.1 mm (power line)
Wire colors
Brown, blue, green-yellow, white, green, yellow, gray, pink, red, black,
violet, gray-pink, red-blue, white-green, brown-green, white-yellow, yellow-
brown, white-gray, gray-brown
Overall twist
Wires twisted in layers
External sheath, color
Black RAL 9005
Inner sheath thickness
≥ 0.15 mm
Outer sheath thickness
≥ 0.76 mm
External cable diameter D
10.5 mm ± 0.2 mm
Minimum bending radius, fixed installation
7.5 x D
Minimum bending radius, flexible installation
10 x D
Number of bending cycles
1500000
Minimum bending radius, drag chain applications
10 x D
Traversing path
2 m
Traversing rate
2 m/s
Cable weight
183.7 kg/km
Outer sheath, material
PUR


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn