Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29AL032D90BFI032 Datasheet(PDF) 4 Page - SPANSION

Part # S29AL032D90BFI032
Description  32 Megabit CMOS 3.0 Volt-only Flash Memory
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL032D90BFI032 Datasheet(HTML) 4 Page - SPANSION

  S29AL032D90BFI032 Datasheet HTML 1Page - SPANSION S29AL032D90BFI032 Datasheet HTML 2Page - SPANSION S29AL032D90BFI032 Datasheet HTML 3Page - SPANSION S29AL032D90BFI032 Datasheet HTML 4Page - SPANSION S29AL032D90BFI032 Datasheet HTML 5Page - SPANSION S29AL032D90BFI032 Datasheet HTML 6Page - SPANSION S29AL032D90BFI032 Datasheet HTML 7Page - SPANSION S29AL032D90BFI032 Datasheet HTML 8Page - SPANSION S29AL032D90BFI032 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
2
S29AL032D
S29AL032D_00_A3 June 13, 2005
Advan ce
In form ati o n
General Description
The S29AL032D is a 32 megabit, 3.0 volt-only flash memory device, organized as 2,097,152
words of 16 bits each or 4,194,304 bytes of 8 bits each. Word mode data appears on DQ0-DQ15;
byte mode data appears on DQ0-DQ7. The device is designed to be programmed in-system with
the standard 3.0 volt VCC supply, and can also be programmed in standard EPROM programmers.
The device is available with access times as fast as 70 ns. The devices are offered in 40-pin TSOP,
48-pin TSOP and 48-ball FBGA packages. Standard control pins- chip enable (CE#), write enable
(WE#), and output enable (OE#)-control normal read and write operations, and avoid bus con-
tention issues.
The device requires only a single 3.0 volt power supply for both read and write functions. In-
ternally generated and regulated voltages are provided for the pro-gram and erase operations.
S29AL032D Features
The Secured Silicon Sector is an extra sector capable of being permanently locked by Spansion
or customers. The Secured Silicon Indicator Bit (DQ7) is permanently set to a 1 if the part is
factory locked, and set to a 0 if customer lockable. This way, customer lockable parts can never
be used to replace a factory locked part. Note that the S29AL032D has a Secured Silicon
Sector size of 128 words (256 bytes).
Factory locked parts provide several options. The Secured Silicon Sector may store a secure, ran-
dom 16 byte ESN (Electronic Serial Number), customer code (programmed through the Spansion
programming service), or both.
The S29AL032D is entirely command set compatible with the JEDEC single-power-supply
Flash standard. Commands are written to the command register using standard microprocessor
write timings. Register contents serve as input to an internal state-machine that controls the
erase and programming circuitry. Write cycles also internally latch addresses and data needed for
the programming and erase operations. Reading data out of the device is similar to reading from
other Flash or EPROM devices.
Device programming occurs by executing the program command sequence. This initiates the Em-
bedded Program algorithm—an internal algorithm that automatically times the program pulse
widths and verifies proper cell margin. The Unlock Bypass mode facilitates faster programming
times by requiring only two write cycles to program data instead of four.
Device erasure occurs by executing the erase command sequence. This initiates the Embedded
Erase algorithm—an internal algorithm that automatically preprograms the array (if it is not al-
ready programmed) before executing the erase operation. During erase, the device automatically
times the erase pulse widths and verifies proper cell margin.
The host system can detect whether a program or erase operation is complete by observing the
RY/BY# pin, or by reading the DQ7 (Data# Polling) and DQ6 (toggle) status bits. After a pro-
gram or erase cycle has been completed, the device is ready to read array data or accept another
command.
The sector erase architecture allows memory sectors to be erased and reprogrammed without
affecting the data contents of other sectors. The device is fully erased when shipped from the
factory.
Hardware data protection measures include a low VCC detector that automatically inhibits write
operations during power transitions. The hardware sector protection feature disables both
program and erase operations in any combination of the sectors of memory. This can be achieved
in-system or via programming equipment.


Similar Part No. - S29AL032D90BFI032

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL004D SPANSION-S29AL004D Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI010 SPANSION-S29AL004D70BAI010 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI012 SPANSION-S29AL004D70BAI012 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI013 SPANSION-S29AL004D70BAI013 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL004D70BAI020 SPANSION-S29AL004D70BAI020 Datasheet
1Mb / 55P
   4 Megabit (512 Kx 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL032D90BFI032

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016D SPANSION-S29AL016D Datasheet
1Mb / 58P
   16 MEGABIT CMOS 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
SPANSION
S29AL008J70TFI010 SPANSION-S29AL008J70TFI010 Datasheet
1Mb / 54P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70TFI020 SPANSION-S29AL016J70TFI020 Datasheet
1Mb / 58P
   CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
ATMEL Corporation
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29LV320 EON-EN29LV320 Datasheet
424Kb / 49P
   32 Megabit (4096K x 8-bit / 2048K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
ATMEL Corporation
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com