Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1404806 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1404806
Description  Sensor/Actuator cable - SAC-3P-10,0-PVC/CI B-L
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1404806 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1404806 Datasheet HTML 1Page - PHOENIX CONTACT 1404806 Datasheet HTML 2Page - PHOENIX CONTACT 1404806 Datasheet HTML 3Page - PHOENIX CONTACT 1404806 Datasheet HTML 4Page - PHOENIX CONTACT 1404806 Datasheet HTML 5Page - PHOENIX CONTACT 1404806 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/produkte/1404806
18.01.2013   Page 2 / 6
Sensor/Actuator cable - SAC-3P-10,0-PVC/CI B-L - 1404806
Technical data
General characteristics
Protective circuit/component
Unwired
Conductor data
Cable type
PVC black
Cable type (abbreviation)
PVC
Cable abbreviation
LiYY
Conductor cross section
3x 0.5 mm²
AWG signal line
20
Conductor structure signal line
16x 0.20 mm
Core diameter including insulation
1.5 mm ±0.05 mm
Wire colors
Black 1, black 2, green/yellow
Overall twist
3 wires, twisted
External sheath, color
Black RAL 9005
External cable diameter D
4.8 mm ± 0.2 mm
Smallest bending radius, fixed installation
24 mm
Smallest bending radius, movable installation
48 mm
Outer sheath, material
PVC
Material conductor insulation
PVC
Conductor material
Bare Cu litz wires
Insulation resistance
Min. 20 MΩ*km
Conductor resistance
39 Ω/km (at 20 °C)
Nominal voltage, conductor
300 V
Test voltage, conductor
1200 V
Flame resistance
DIN EN 50265-2-1
Resistance to oil
Almost oil-resistant
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-5 °C ... 80 °C (cable, flexible installation)
Classifications
ETIM
ETIM 3.0
EC001855
ETIM 4.0
EC001855
ETIM 5.0
EC001855
UNSPSC
UNSPSC 11
31251501
UNSPSC 12.01
31251501
UNSPSC 13.2
31251501
UNSPSC 6.01
31251501
UNSPSC 7.0901
31251501


Similar Part No. - 1404806

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404800 PHOENIX-1404800 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 10,0-PVC/BI B-L
1404801 PHOENIX-1404801 Datasheet
109Kb / 5P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/C B-L
1404802 PHOENIX-1404802 Datasheet
109Kb / 5P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/C B-L
1404803 PHOENIX-1404803 Datasheet
109Kb / 5P
   Sensor/Actuator cable - SAC-3P-10,0-PVC/C B-L
1404804 PHOENIX-1404804 Datasheet
112Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/CI B-L
More results

Similar Description - 1404806

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404827 PHOENIX-1404827 Datasheet
116Kb / 6P
   Sensor/Actuator cable - SAC-3P-10,0-PVC/CI-1L-Z B-L
1404796 PHOENIX-1404796 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 10,0-PVC/B B-L
1404790 PHOENIX-1404790 Datasheet
113Kb / 6P
   Sensor/Actuator cable - SAC-3P- 10,0-PVC/A B-L
1404805 PHOENIX-1404805 Datasheet
113Kb / 6P
   Sensor/Actuator cable - SAC-3P- 5,0-PVC/CI B-L
1404804 PHOENIX-1404804 Datasheet
112Kb / 6P
   Sensor/Actuator cable - SAC-3P- 2,0-PVC/CI B-L
1404803 PHOENIX-1404803 Datasheet
109Kb / 5P
   Sensor/Actuator cable - SAC-3P-10,0-PVC/C B-L
1404800 PHOENIX-1404800 Datasheet
113Kb / 7P
   Sensor/Actuator cable - SAC-3P- 10,0-PVC/BI B-L
1404817 PHOENIX-1404817 Datasheet
114Kb / 7P
   Sensor/Actuator cable - SAC-3P-10,0-PVC/B-1L-Z B-L
1400605 PHOENIX-1400605 Datasheet
83Kb / 4P
   Sensor/Actuator cable - SAC-3P-10,0-PVC/CI-1L-Z
1415944 PHOENIX-1415944 Datasheet
82Kb / 4P
   Sensor/Actuator cable - SAC-3P-10,0-PVC/CI-1L-V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com