Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFU3504PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFU3504PBF
Description  AUTOMOTIVE MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU3504PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFU3504PBF Datasheet HTML 1Page - International Rectifier IRFU3504PBF Datasheet HTML 2Page - International Rectifier IRFU3504PBF Datasheet HTML 3Page - International Rectifier IRFU3504PBF Datasheet HTML 4Page - International Rectifier IRFU3504PBF Datasheet HTML 5Page - International Rectifier IRFU3504PBF Datasheet HTML 6Page - International Rectifier IRFU3504PBF Datasheet HTML 7Page - International Rectifier IRFU3504PBF Datasheet HTML 8Page - International Rectifier IRFU3504PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFR/U3504PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 30A, VGS = 0V
„
trr
Reverse Recovery Time
–––
53
80
ns
TJ = 25°C, IF = 30A, VDD = 20V
Qrr
Reverse Recovery Charge
–––
86
130
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
S
D
G
Source-Drain Ratings and Characteristics
87
350
A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.041 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.8
9.2
m
VGS = 10V, ID = 30A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = 10V, ID = 250µA
gfs
Forward Transconductance
40
–––
–––
S
VDS = 10V, ID = 30A
–––
–––
20
µA
VDS = 40V, VGS = 0V
–––
–––
250
VDS = 40V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -20V
Qg
Total Gate Charge
–––
48
71
ID = 30A
Qgs
Gate-to-Source Charge
–––
12
18
nC
VDS = 32V
Qgd
Gate-to-Drain ("Miller") Charge
–––
13
20
VGS = 10V
„
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 20V
tr
Rise Time
–––
53
–––
ID = 30A
td(off)
Turn-Off Delay Time
–––
36
–––
RG = 6.8Ω
tf
Fall Time
–––
22
–––
VGS = 10V
„
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
2150 –––
VGS = 0V
Coss
Output Capacitance
–––
580
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
46
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
–––
2830 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
510
–––
VGS = 0V, VDS = 32V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
…
–––
870
–––
VGS = 0V, VDS = 0V to 32V
S
D
G
IGSS
ns
IDSS
Drain-to-Source Leakage Current


Similar Part No. - IRFU3504PBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU3504PBF KERSEMI-IRFU3504PBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3504PBF KERSEMI-IRFU3504PBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRFU3504PBF IRF-IRFU3504PBF Datasheet
330Kb / 11P
   Advanced Process Technology
IRFU3504PBF IRF-IRFU3504PBF Datasheet
330Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRFU3504PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF2804S-7P IRF-IRF2804S-7P Datasheet
263Kb / 10P
   AUTOMOTIVE MOSFET
IIRLR3105 IRF-IIRLR3105 Datasheet
169Kb / 8P
   AUTOMOTIVE MOSFET
IRF540ZL IRF-IRF540ZL Datasheet
310Kb / 12P
   AUTOMOTIVE MOSFET
IRF3205Z IRF-IRF3205Z Datasheet
303Kb / 12P
   AUTOMOTIVE MOSFET
IRLR2908 IRF-IRLR2908 Datasheet
206Kb / 11P
   AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
   AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
logo
International Rectifier
IRF1405Z IRF-IRF1405Z Datasheet
291Kb / 12P
   AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
   AUTOMOTIVE MOSFET
IRLU2905Z IRF-IRLU2905Z Datasheet
217Kb / 11P
   AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com