Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9090-01- Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML9090-01-
Description  LCD Driver with Key Scanner and RAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9090-01- Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML9090-01- Datasheet HTML 9Page - OKI electronic componets ML9090-01- Datasheet HTML 10Page - OKI electronic componets ML9090-01- Datasheet HTML 11Page - OKI electronic componets ML9090-01- Datasheet HTML 12Page - OKI electronic componets ML9090-01- Datasheet HTML 13Page - OKI electronic componets ML9090-01- Datasheet HTML 14Page - OKI electronic componets ML9090-01- Datasheet HTML 15Page - OKI electronic componets ML9090-01- Datasheet HTML 16Page - OKI electronic componets ML9090-01- Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
¡ Semiconductor
ML9090-01,-02
13/38
PEDL9090-02
Register List
RS R/W
Register number
Register
symbol
Register name
Data bits
3210
76543210
010000
KR
Key scan register
ST2 ST1 ST0
S4
S3
S2
S1
S0
1
1/0
0001
DRAM
Display data register
D7
D6
D5
D4
D3
D2
D1
D0
000010
XAD
X address register
————
X3
X2
X1
X0
000011
YAD
Y address register
Y4
Y3
Y2
Y1
Y0
000100
PTA
Port register A
———————
PA0
000101
PTB
Port register B
PB7 PB6 PB5 PB4 PB3 PB2 PB1 PB0
001000
FCR1
Control register 1
INC WLS KT
SHL
— DTY1 DTY0
001001
FCR2
Control register 2
T4
T3
T2
T1
— DISP
RS
Register select bit
1: RAM
0: Register
R/W Read/write select bit
1: Read
0: Write
ST0 to ST2
: Scan status
S0 to S4
: Key scan data
D0 to D7
: Display data and RAM read data
X0 to X3
: X address
Y0 to Y4
: Y address
PA0
: Port A data
PB0 to PB7 : Port B data (ML9090-01 only)
INC
: Address increment 1: X direction, 0: Y direction
WLS
: Word length select 1: 6 bits, 0: 8 bits
KT
: Key scan cycle select 1: 10 ms, 0: 5 ms
DTY0, DTY1: Display duty select (1/8, 1/9, 1/10) (ML9090-01)
(1/16, 1/17, 1/18) (ML9090-02)
SHL
: Common driver shift direction select bit
1: COM10ÆCOM1, 0 : COM1ÆCOM10 (ML9090-01)
1: COM18ÆCOM1, 0 : COM1ÆCOM18 (ML9090-02)
DISP
: Display ON/OFF select 1: Display ON, 0: Display OFF
T1 to T4
: Write "0"
: Don't care


Similar Part No. - ML9090-01-

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090A-01GA OKI-ML9090A-01GA Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090A-02GA OKI-ML9090A-02GA Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
More results

Similar Description - ML9090-01-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9092-01 OKI-ML9092-01 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com