Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6202 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 6202
Description  IEC Appliance Inlet C18 with Fuseholder 1-pole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6202 Datasheet(HTML) 4 Page - Schurter Inc.

  6202 Datasheet HTML 1Page - Schurter Inc. 6202 Datasheet HTML 2Page - Schurter Inc. 6202 Datasheet HTML 3Page - Schurter Inc. 6202 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Power entry modules without line filter
6202
https://www.schurter.com /PG05
Connectors
Mating Outlets/Connectors
Category / Description
Connector Overview complete
4782 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4782
4785 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4785
4300-06 Mounting: Power Cord, 3 x 1 mm² / 3 x 18 AWG, Cable, Connector: IEC C13
4300-06
IEC Connector C15 for hot conditions 120°C, Rewireable, Straight
4781
IEC Connector C15 for hot conditions 120°C, Rewireable, Angled
4784
Connector further types to 6202
...
Mating Outlets/Connectors shuttered
Power Cord Overview complete
Power cord with IEC connector C17, V-Lock, straight
VAC17KS
Power Cord further types to 6202
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - 6202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
6202 LINER-6202 Datasheet
591Kb / 24P
   Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps
logo
Schurter Inc.
6202 SCHURTER-6202 Datasheet
439Kb / 3P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
6202 SCHURTER-6202 Datasheet
341Kb / 4P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
6202.2100 SCHURTER-6202.2100 Datasheet
341Kb / 4P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
6202.2200 SCHURTER-6202.2200 Datasheet
341Kb / 4P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
More results

Similar Description - 6202

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1065 SCHURTER-1065 Datasheet
406Kb / 3P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
6202 SCHURTER-6202_V01 Datasheet
341Kb / 4P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
6202 SCHURTER-6202 Datasheet
439Kb / 3P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
1065 SCHURTER-1065_13 Datasheet
390Kb / 3P
   IEC Appliance Inlet C18 with Fuseholder 1-pole
1062 SCHURTER-1062 Datasheet
491Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1-pole
1066 SCHURTER-1066 Datasheet
371Kb / 3P
   IEC Appliance Inlet C18 with Fuseholder 1- or 2-pole
4707 SCHURTER-4707_21 Datasheet
398Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
4707 SCHURTER-4707_V01 Datasheet
398Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
08.12.2021
4707 SCHURTER-4707_18 Datasheet
356Kb / 4P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
1064 SCHURTER-1064_V01 Datasheet
367Kb / 5P
   IEC Appliance Inlet C14 or C18 with Fuseholder 1- or 2-pole
08.12.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com