Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71GL064A08BFW0F0 Datasheet(PDF) 10 Page - SPANSION

Part # S71GL064A08BFW0F0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71GL064A08BFW0F0 Datasheet(HTML) 10 Page - SPANSION

Back Button S71GL064A08BFW0F0 Datasheet HTML 6Page - SPANSION S71GL064A08BFW0F0 Datasheet HTML 7Page - SPANSION S71GL064A08BFW0F0 Datasheet HTML 8Page - SPANSION S71GL064A08BFW0F0 Datasheet HTML 9Page - SPANSION S71GL064A08BFW0F0 Datasheet HTML 10Page - SPANSION S71GL064A08BFW0F0 Datasheet HTML 11Page - SPANSION S71GL064A08BFW0F0 Datasheet HTML 12Page - SPANSION S71GL064A08BFW0F0 Datasheet HTML 13Page - SPANSION S71GL064A08BFW0F0 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
10
S71GL032A_00A0 March 31, 2005
Advance
Info rmation
Ordering Information
The order number is formed by a valid combinations of the following:
S71GL
032
A
80
BA
W
0
F
0
PACKING TYPE
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER
See the Valid Combinations table.
PACKAGE MODIFIER
0
= 7 x 9 mm, 1.2 mm height, 56 balls (TLC056)
TEMPERATURE RANGE
W= Wireless (-25
°C to +85°C)
I
= Industrial (-40
°C to +85°C)
PACKAGE TYPE
BA
= Fine-pitch BGA Lead (Pb)-free compliant package
BF
= Fine-pitch BGA Lead (Pb)-free package
pSRAM DENSITY
80
= 8 Mb pSRAM
40
= 4 Mb pSRAM
08
= 8 Mb SRAM
04
= 4 Mb SRAM
PROCESS TECHNOLOGY
A
= 200 nm, MirrorBit Technology
FLASH DENSITY
064
= 64Mb
032
= 32Mb
PRODUCT FAMILY
S71GL Multi-chip Product (MCP)
3.0-volt Page Mode Flash Memory and RAM


Similar Part No. - S71GL064A08BFW0F0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL064A08 SPANSION-S71GL064A08 Datasheet
2Mb / 134P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71GL064A08-0B SPANSION-S71GL064A08-0B Datasheet
2Mb / 134P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71GL064A08-0F SPANSION-S71GL064A08-0F Datasheet
2Mb / 134P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
More results

Similar Description - S71GL064A08BFW0F0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
SPANSION
S71PL064JA0BFW0P0 SPANSION-S71PL064JA0BFW0P0 Datasheet
726Kb / 22P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com