Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCA9537 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. PCA9537
Description  4-bit I2C and SMBus low power I/O port with interrupt and reset
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PCA9537 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Philips Semiconductors
Product data sheet
PCA9537
4-bit I2C and SMBus low power I/O port
with interrupt and reset
2004 Nov 29
6
Device address
10
0
1
0
0
1
SLAVE ADDRESS
FIXED
R/W
SW02184
Figure 4. PCA9537 address
Bus transactions
Data is transmitted to the PCA9537 registers using the write mode as shown in Figures 5 and 6. Data is read from the PCA9537 registers using
the read mode as shown in Figures 7 and 8. These devices do not implement an auto-increment function so once a command byte has been
sent, the register which was addressed will continue to be accessed by reads until a new command byte has been sent.
12
SCL
WRITE TO
PORT
DATA OUT
FROM PORT
3
4
567
8
SDA
S0
A
A
A
10
0
1
00
1
DATA 1
slave address
data to port
start condition
R/W
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
tpv
DATA 1 VALID
SW02185
9
1
00
0
0
00
0
command byte
P
Figure 5. WRITE to output port register
12
SCL
3
4
567
8
SDA
S0
A
A
A
10
0
1
00
1
DATA
slave address
data to register
start condition
R/W
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
SW02186
9
00
0
0
00
1
command byte
1/0
DATA TO
REGISTER
P
Figure 6. WRITE to configuration or polarity inversion registers
Expanded diagram found on page 13, Figure 16.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn