Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-622Y001 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTP-622Y001
Description  24V DRIVE INTERFACE BOARD (PARALLEL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-622Y001 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTP-622Y001 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-622Y001 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FTP-622DCL/DSL
No.
Signal
I/O
Contents
No.
Signal
I/O
Contents
1
NC
No connection
2
NC
No connection
3
NC
No connection
4
NC
No connection
5
NC
No connection
6
NC
No connection
7
NC
No connection
8
NC
No connection
9
NC
No connection
10
NC
No connection
11
NC
No connection
12
NC
No connection
13
NC
No connection
14
NC
No connection
15
NC
No connection
16
NC
No connection
17
NC
No connection
18
NC
No connection
19
NC
No connection
20
NC
No connection
21
NC
No connection
22
NC
No connection
23
NC
No connection
24
NC
No connection
25
SLCTIN
I
Select signal
26
INPRM
I
Reset signal
27
NC
No connection
28
NC
No connection
29
ATF
I
Paper feed request
30
GND
GND
7. Connector for control signal input/ output (CN1)
Part number
: FCN-605Q030-G/S (Fujitsu Components)
Mating connector
: FCN-607B030-G/D (Fujitsu Components) or equivalent
*Do not connect outside signal to NC.


Similar Part No. - FTP-622Y001

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-622MCL FUJITSU-FTP-622MCL Datasheet
207Kb / 3P
   THERMO-SENSITIVE PAPER
More results

Similar Description - FTP-622Y001

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68230 NXP-MC68230 Datasheet
8Mb / 74P
   PARALLEL INTERFACE/TIMER
DECEMBER, 1983
logo
NEC
UPD71055 NEC-UPD71055 Datasheet
486Kb / 20P
   Parallel Interface Unit
logo
IC-Haus GmbH
IC-VRV ICHAUS-IC-VRV Datasheet
166Kb / 12P
   BIDIRECTIONAL 關P INTERFACE TO 24V
logo
Silicon Laboratories
SI3000PPT-EVB SILABS-SI3000PPT-EVB Datasheet
2Mb / 24P
   EVALUATION BOARD FOR THE Si3000 WITH THE PARALLEL PORT INTERFACE
logo
Purdy Electronics Corpo...
PC-TFT-35XS-LED PURDY-PC-TFT-35XS-LED Datasheet
166Kb / 4P
   Interface Board
PC-TFT-64PA PURDY-PC-TFT-64PA Datasheet
417Kb / 5P
   Interface Board
PC-TFT-25XS PURDY-PC-TFT-25XS Datasheet
184Kb / 5P
   Interface Board
PC-TFT-35VX PURDY-PC-TFT-35VX Datasheet
505Kb / 6P
   Interface Board
PC-TFT-050VL PURDY-PC-TFT-050VL Datasheet
246Kb / 3P
   Interface Board
PC-TFT-35XS PURDY-PC-TFT-35XS Datasheet
169Kb / 4P
   Interface Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com