Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTP-622MCL302 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # FTP-622MCL302
Description  24V DRIVE INTERFACE BOARD (PARALLEL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-622MCL302 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

  FTP-622MCL302 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-622MCL302 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-622MCL302 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-622MCL302 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-622MCL302 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-622MCL302 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-622MCL302 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-622MCL302 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FTP-622DCL/DSL
s OPTIONS
1. Cable (With FTP-622MCL, FTP-632MCL, FTP-642MCL)
2. Paper holder
Name
Part number
Flange
FTP-040HF
Stand
FTP-040HS
e
m
a
Nr
e
b
m
u
N
t
r
a
Ph
t
g
n
e
L
e
l
b
a
C
*
)
8
N
C
(
e
l
b
a
c
n
o
i
t
c
e
n
n
o
c
d
a
e
h
l
a
m
r
e
h
T
1
0
0
Y
2
2
6
-
P
T
F)
s
e
h
c
n
i
6
.
0
1
(
m
m
0
7
2
e
l
b
a
c
e
c
a
f
r
e
t
n
I
)
1
N
C
(
s
c
i
n
o
r
t
n
e
C1
0
2
Y
2
2
6
-
P
T
F)
s
e
h
c
n
i
1
7
.
9
1
(
m
m
0
0
5
)
2
N
C
(
l
a
i
r
e
S1
0
3
Y
2
2
6
-
P
T
F)
s
e
h
c
n
i
1
7
.
9
1
(
m
m
0
0
5
)
0
1
N
C
(
c
i
g
o
l
d
n
a
,
r
o
t
o
m
,
d
a
e
h
r
o
f
e
l
b
a
c
r
e
w
o
P
1
0
4
Y
2
2
6
-
P
T
F)
s
e
h
c
n
i
8
.
1
1
(
m
m
0
0
3
n
o
i
t
p
o
e
l
b
a
c
t
r
o
h
s
*
1
0
0
Y
4
2
6
-
P
T
F)
s
e
h
c
n
i
9
.
5
(
m
m
0
5
1
© 2004 Fujitsu Components America, Inc. All company and product names are trademarks or registered
trademarks of their respective owners. Rev. 11/15/2004.
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: marcom@fcai.fujitsu.com
Web: www.fcai.fujitsu.com
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: www.fceu.fujitsu.com
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#04-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
www.fcal.fujitsu.com
Fujitsu Components
International
Headquarter
Offices


Similar Part No. - FTP-622MCL302

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-622MCL FUJITSU-FTP-622MCL Datasheet
207Kb / 3P
   THERMO-SENSITIVE PAPER
More results

Similar Description - FTP-622MCL302

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68230 NXP-MC68230 Datasheet
8Mb / 74P
   PARALLEL INTERFACE/TIMER
DECEMBER, 1983
logo
NEC
UPD71055 NEC-UPD71055 Datasheet
486Kb / 20P
   Parallel Interface Unit
logo
IC-Haus GmbH
IC-VRV ICHAUS-IC-VRV Datasheet
166Kb / 12P
   BIDIRECTIONAL 關P INTERFACE TO 24V
logo
Silicon Laboratories
SI3000PPT-EVB SILABS-SI3000PPT-EVB Datasheet
2Mb / 24P
   EVALUATION BOARD FOR THE Si3000 WITH THE PARALLEL PORT INTERFACE
logo
Purdy Electronics Corpo...
PC-TFT-35XS-LED PURDY-PC-TFT-35XS-LED Datasheet
166Kb / 4P
   Interface Board
PC-TFT-64PA PURDY-PC-TFT-64PA Datasheet
417Kb / 5P
   Interface Board
PC-TFT-25XS PURDY-PC-TFT-25XS Datasheet
184Kb / 5P
   Interface Board
PC-TFT-35VX PURDY-PC-TFT-35VX Datasheet
505Kb / 6P
   Interface Board
PC-TFT-050VL PURDY-PC-TFT-050VL Datasheet
246Kb / 3P
   Interface Board
PC-TFT-35XS PURDY-PC-TFT-35XS Datasheet
169Kb / 4P
   Interface Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com