Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FXT553 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. FXT553
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

FXT553 Datasheet(HTML) 1 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 1 – FEB 94
FEATURES
* 100 Volt VCEO
* 1 Amp continuous current
*Ptot= 1 Watt
REFER TO ZTX553 FOR GRAPHS
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-120
V
IC=-100µA, IE=0
Collector-Emitter
Sustaining Voltage
VCEO(sus) -100
V
IC=-10mA, IB=0*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE=-100µA, IC=0
Collector Cut-Off
Current
ICBO
-0.1
µ
A
VCB=-100V, IE=0
Emitter Cut-Off Current IEBO
-0.1
µ
A
VEB=-4V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.25
V
IC=-150mA, IB=-15mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.1
V
IC=-150mA, IB=-15mA*
Base-Emitter
Turn-on Voltage
VBE(on)
-1
V
IC=-150mA, VCE=-10V
Static Forward Current
Transfer Ratio
hFE
40
10
200
IC=-150mA, VCE=-10V*
IC=-1A, VCE=-10V*
Transition
Frequency
fT
150
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
12
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
E-Line
TO92 Compatible
FXT553
3-39
B
C
E


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn