Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LFXTAL069494 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part No. LFXTAL069494
Description  Quartz Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IQD [IQD Frequency Products Ltd]
Homepage  http://www.iqdfrequencyproducts.com/
Logo 

LFXTAL069494 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No. + Packaging: LFXTAL069494Reel
Quartz Crystal Specification
Outline (mm)
Description
2 x 1.6mm SMD crystal
Ceramic package with a seam sealed metal lid, hermetically
sealed
IQXC-42
Model
Model Issue number
1
Frequency Parameters
Frequency
25.0MHz
Frequency Tolerance
±15.00ppm
Frequency Stability
±20.00ppm
-40.00 to 85.00°C
Operating Temperature Range
Fundamental
Overtone Order
Ageing
±3ppm max per year @ 25°C
Electrical Parameters
Load Capacitance (CL)
10.00pF
Shunt Capacitance (C0)
3pF max
Drive Level
100µW max
100.00Ω max
ESR
Environmental Parameters
Shock: IEC 60068-2-27: 1000G, 1ms, 3 times in each of 3
mutually perpendicular planes
Vibration: IEC 60068-2-6: 1.5mm amplitude, 10Hz-55Hz, 1min
in 3 mutually perpendicular planes, duration 2hrs each plane
(total 6hrs)
Storage Temperature Range: –55 to 125°C
Manufacturing Details
RoHS Terminations
NiAu
RoHS Reflow Temp
260degC 10s
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Alternative packing option available
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com
Printed on 22 May 18 15:31 using Part Data Sheet V1.00015
Page 1 of 1


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn