Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 11 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 11 Page - Epson Company

Back Button S1D13706 Datasheet HTML 7Page - Epson Company S1D13706 Datasheet HTML 8Page - Epson Company S1D13706 Datasheet HTML 9Page - Epson Company S1D13706 Datasheet HTML 10Page - Epson Company S1D13706 Datasheet HTML 11Page - Epson Company S1D13706 Datasheet HTML 12Page - Epson Company S1D13706 Datasheet HTML 13Page - Epson Company S1D13706 Datasheet HTML 14Page - Epson Company S1D13706 Datasheet HTML 15Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 152 page
background image
Epson Research and Development
Page 11
Vancouver Design Center
Hardware Functional Specification
S1D13706
Issue Date: 2004/02/09
X31B-A-001-09
1 Introduction
1.1 Scope
This is the Hardware Functional Specification for the S1D13706 Embedded Memory LCD
Controller. Included in this document are timing diagrams, AC and DC characteristics,
register descriptions, and power management descriptions. This document is intended for
two audiences: Video Subsystem Designers and Software Developers.
For additional documentation related to the S1D13706 see Section 17, “References” on
page 151.
This document is updated as appropriate. Please check the Epson Research and Devel-
opment Website at www.erd.epson.com for the latest revision of this document before
beginning any development.
We appreciate your comments on our documentation. Please contact us via email at
documentation@erd.epson.com.
1.2 Overview Description
The S1D13706 is a color/monochrome LCD graphics controller with an embedded 80K
byte SRAM display buffer. While supporting all other panel types, the S1D13706 is the
only LCD controller to directly interface to both the Epson D-TFD and the Sharp HR-TFT
family of products thus removing the requirement of an external Timing Control IC. This
high level of integration provides a low cost, low power, single chip solution to meet the
demands of embedded markets such as Mobile Communications devices and Palm-size
PCs, where board size and battery life are major concerns.
The S1D13706 utilizes a guaranteed low-latency CPU architecture providing support for
microprocessors without READY/WAIT# handshaking signals. The 32-bit internal data
path provides high performance bandwidth into display memory allowing for fast screen
updates.
Products requiring a rotated display image can take advantage of the SwivelView TM feature
which provides hardware rotation of the display memory transparent to the software appli-
cation. The S1D13706 also provides support for “Picture-in-Picture Plus” (a variable size
Overlay window).
The S1D13706 provides impressive support for Palm OShandhelds, however its impar-
tiality to CPU type or operating system makes it an ideal display solution for a wide variety
of applications.


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com