Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 100 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 100 Page - Epson Company

Back Button S1D13706 Datasheet HTML 96Page - Epson Company S1D13706 Datasheet HTML 97Page - Epson Company S1D13706 Datasheet HTML 98Page - Epson Company S1D13706 Datasheet HTML 99Page - Epson Company S1D13706 Datasheet HTML 100Page - Epson Company S1D13706 Datasheet HTML 101Page - Epson Company S1D13706 Datasheet HTML 102Page - Epson Company S1D13706 Datasheet HTML 103Page - Epson Company S1D13706 Datasheet HTML 104Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 152 page
background image
Page 100
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
bits 7-0
LUT Write Address Bits [7:0]
This register forms a pointer into the Look-Up Table (LUT) which is used to write LUT
blue, green, and red data stored in REG[08h], REG[09h], and REG[0Ah]. The data is
updated to the LUT only with the completion of a write to this register. This is a write-
only register and returns 00h if read.
Note
When a value is written to the LUT Write Address register, the same value is automati-
cally written to the LUT Read Address register (REG[0Fh].
bits 7-2
LUT Blue Read Data Bits [5:0]
This register contains the data from the blue component of the Look-Up Table. The LUT
position is controlled by the LUT Read Address Register (REG[0Fh]). This is a read-only
register.
Note
This register is updated only when the LUT Read Address Register (REG[0Fh]) is writ-
ten to.
bits 7-2
LUT Green Read Data Bits [5:0]
This register contains the data from the green component of the Look-Up Table. The LUT
position is controlled by the LUT Read Address Register (REG[0Fh]). This is a read-only
register.
Note
This register is updated only when the LUT Read Address Register (REG[0Fh]) is writ-
ten to.
Look-Up Table Write Address Register
REG[0Bh]
Write Only
LUT Write Address Bits 7-0
7
654
321
0
Look-Up Table Blue Read Data Register
REG[0Ch]
Read Only
LUT Blue Read Data Bits 5-0
n/a
7
654
32
1
0
Look-Up Table Green Read Data Register
REG[0Dh]
Read Only
LUT Green Read Data Bits 5-0
n/a
7
654
32
1
0


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com