Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDA012M4MS-DI Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RDA012M4MS-DI
Description  12 Bit 1.3 GS/s Master-Slave 4:1 MUXDAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RDA012M4MS-DI Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RDA012M4MS-DI Datasheet HTML 4Page - List of Unclassifed Manufacturers RDA012M4MS-DI Datasheet HTML 5Page - List of Unclassifed Manufacturers RDA012M4MS-DI Datasheet HTML 6Page - List of Unclassifed Manufacturers RDA012M4MS-DI Datasheet HTML 7Page - List of Unclassifed Manufacturers RDA012M4MS-DI Datasheet HTML 8Page - List of Unclassifed Manufacturers RDA012M4MS-DI Datasheet HTML 9Page - List of Unclassifed Manufacturers RDA012M4MS-DI Datasheet HTML 10Page - List of Unclassifed Manufacturers RDA012M4MS-DI Datasheet HTML 11Page - List of Unclassifed Manufacturers RDA012M4MS-DI Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RDA012M4MS DATASHEET
DS_0017PB0-2805
Rockwell Scientific reserves the right to make changes to its product specifications at any time without notice.
The information furnished herein is believed to be accurate; however, no responsibility is assumed for its use.
Page 8 of 13
Signal Description
HIGH SPEED INPUT CLOCK.
The RDA012M4MS high-speed clock input is
differential and can be driven from typical ECL
circuits. Also a differential sinusoidal clock can
be used. The HCLKIP and HCLKIN inputs, are
internally terminated with 50
Ω to VTT which
should be connected to a well decoupled –2.0
volt supply. Since the MUXDAC's output phase
noise is directly related to the input clock noise
and jitter, a low-jitter clock source is ideal. The
internal clock driver generates very little added
jitter (~100fs). A 500MHz MUXDAC output
demands a white noise induced clock jitter of
less than 250fs for a 10-bit equivalent, 62dB
SNDR.
DATA INPUT.
The data inputs are 3.3V NMOS-compatible.
The data is interleaved according to significant
bit. For example, consecutive data pins will
occur as A0, B0, C0, D0, A1, B1, etc.
OUTPUT CLOCK.
Output
clock
LCLKOP
and
LCLKON
are
supplied for the DSP/FPGA/ASIC in slave mode,
or connected to another MUXDAC if in master
mode. They are LVDS compliant and needs to
be terminated with a100
Ω resistor in front of the
clock driver for the ASIC/DSP.
For application convenience, the data input's
setup and hold time is specified with respect to
the LCLKO. It should be noted that LCLKOP and
LCLKON are driven by the MUXDAC and the
waveforms of these signals are better defined at
the receiver end; that is, near the ASIC/DSP
chip that provides the input data for the
MUXDAC.
The
system
designer
should
consider the delay associated with the signal
routing in the system's timing budget.
In figure 6, the setup and hold time of the LCLK
to data transition are defined at the MUXDAC
side. Data transitions of the data input have to
occur during the "Valid Data Transition Window."
The timing margin seen from the MUXDAC is
TP-TS where TP is the LCLKO period and TS is
the setup time, assuming that the ASIC chip
takes LCLKO as the clock input and its outputs
are latched at the falling edge of the clock.
From the ASIC/DSP end, however, the timing
margin is decreased by the amount equal to the
sum of the data delay and clock delay between
the two chips, as noted in the lower part of the
diagram.
ANALOG OUTPUT.
The outputs DACOUTP and DACOUTN should
both be connected though a 50
Ω resistor to
ground. This will give a full-scale amplitude of
0.6 volt (both outputs must be terminated), 1.2
volt differentially. The output common mode can
be changed by terminating the load resistors to
a different voltage. The device is optimized to
perform best when connected to a voltage
between 0 and 1 volt, however. For reliable
operation, the output termination voltage should
not exceed 3 volts.
REFERENCE.
VREFA is provided for added control of the full-
scale amplitude output. The internal reference
circuit is designed to provide -2.0 volts, which
can change up to ±5% as the supply voltage
and/or operating temperature changes.
If the
user prefers accurate absolute full-scale, use an
external voltage reference with low output
impedance to override the internal reference.
The
output
full-scale
voltage
follows
the
relationship VFS = 0.3xVREF. Note that the
MUXDAC
is
optimized
to
have
the
best
performance with a reference voltage of -2.0
volts. The output resistance of the reference
node is 560
Ω ±10%. VREFD allows adjusting of
the digital circuitry bias point for varying input
voltage swings. In most cases, VREFD should
be bypassed to GND.


Similar Part No. - RDA012M4MS-DI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDA012M4 ETC-RDA012M4 Datasheet
392Kb / 12P
   12 Bit 1.3 GS/s 4:1 MUXDAC
RDA012M4-DI ETC-RDA012M4-DI Datasheet
392Kb / 12P
   12 Bit 1.3 GS/s 4:1 MUXDAC
RDA012M4-HD ETC-RDA012M4-HD Datasheet
392Kb / 12P
   12 Bit 1.3 GS/s 4:1 MUXDAC
More results

Similar Description - RDA012M4MS-DI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDA012M4 ETC-RDA012M4 Datasheet
392Kb / 12P
   12 Bit 1.3 GS/s 4:1 MUXDAC
AD7312 ETC-AD7312 Datasheet
212Kb / 12P
   1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
   Master-Slave Flip-Flop
logo
Axiomtek Co., Ltd.
FIM-60 AXIOMTEK-FIM-60 Datasheet
237Kb / 1P
   Master/slave switch selectable
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
   Serial Peripheral Interface - Master/Slave
logo
Prosoft-Technology
MVI94-MCM-MHI PROSOFT-MVI94-MCM-MHI Datasheet
236Kb / 2P
   Modbus Master/Slave Communication Module
MVI56E-MCM PROSOFT-MVI56E-MCM Datasheet
483Kb / 4P
   Modbus Master/Slave Communication Module
logo
ATMEL Corporation
ATA6622C ATMEL-ATA6622C_14 Datasheet
1Mb / 29P
   Master and slave operation possible
logo
Prosoft-Technology
MVI56-MCM PROSOFT-MVI56-MCM Datasheet
429Kb / 3P
   Modbus Master/Slave Communication Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com